Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet (PDF) - STMicroelectronics

TS2012 Datasheet PDF - STMicroelectronics
Part # TS2012
Download  TS2012 Download
File Size   376.49 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filter-free stereo 2x2.8W class D audio power amplifer

TS2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2012 Datasheet PDF - STMicroelectronics

Part # TS2012
Download  TS2012 Click to download

File Size   376.49 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filter-free stereo 2x2.8W class D audio power amplifer

TS2012 Datasheet (HTML) - STMicroelectronics


TS2012 Product details

Description
The TS2012 is a stereo fully differential class D power amplifier. Able to drive up to 1.35W into an 8Ω load at 5V per channel. It achieves outstanding efficiency compared to typical class AB audio amps.

Features
■ Operating range from VCC=2.5V to 5.5V
■ Standby mode active low
■ Output power per channel : 1.35W @5V or 0.68W @ 3.6V into 8Ω with 1% THD+N max.
■ Output power per channel : 2.2W @5V into 4Ω with 1% THD+N max.
■ Four gains select : 6, 12, 18, 24 dB
■ Low current consumption
■ PSRR: 70dB typ @ 217Hz with 6dB gain.
■ Fast start-up phase: 1ms
■ Thermal shutdown protection
■ QFN20 4x4mm lead-free package

Applications
■ Cellular phone
■ PDA
■ Flat panel TV




Similar Part No. - TS2012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2012 STMICROELECTRONICS-TS2012 Datasheet
633Kb / 29P
Filter-free stereo 2x2.8 W class D audio power amplifier
17-Jul-2013
TS2012EI STMICROELECTRONICS-TS2012EI Datasheet
553Kb / 32P
Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
01-Apr-2014
TS2012EIJT STMICROELECTRONICS-TS2012EIJT Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
TS2012EIJT STMICROELECTRONICS-TS2012EIJT Datasheet
553Kb / 32P
Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
01-Apr-2014
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
More results


Similar Description - TS2012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
STEVAL-CCA007V1 STMICROELECTRONICS-STEVAL-CCA007V1 Datasheet
95Kb / 4P
Demonstration board for the TS2012 filter-free stereo 2x2.8W class D audio power amplifier
23-May-2008
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
January 01, 2016
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com