Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 1 Page - STMicroelectronics

  TS2012 Datasheet HTML 1Page - STMicroelectronics TS2012 Datasheet HTML 2Page - STMicroelectronics TS2012 Datasheet HTML 3Page - STMicroelectronics TS2012 Datasheet HTML 4Page - STMicroelectronics TS2012 Datasheet HTML 5Page - STMicroelectronics TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
December 2007
Rev 1
1/30
30
TS2012
Filter-free stereo 2x2.8W class D audio power amplifer
Features
■ Operating range from VCC=2.5V to 5.5V
■ Standby mode active low
■ Output power per channel : 1.35W @5V or
0.68W @ 3.6V into 8
Ω with 1% THD+N max.
■ Output power per channel : 2.2W @5V into 4
Ω
with 1% THD+N max.
■ Four gains select : 6, 12, 18, 24 dB
■ Low current consumption
■ PSRR: 70dB typ @ 217Hz with 6dB gain.
■ Fast start-up phase: 1ms
■ Thermal shutdown protection
■ QFN20 4x4mm lead-free package
Applications
■ Cellular phone
■ PDA
■ Flat panel TV
Description
The TS2012 is a stereo fully differential class D
power amplifier. Able to drive up to 1.35W into an
8
Ω load at 5V per channel. It achieves
outstanding efficiency compared to typical class
AB audio amps.
The device has four different gain settings utilizing
two discrete pins: G0 and G1.
Pop & click reduction circuitry provides low on/off
switch noise while allowing the device to start
within 1ms.
Two standby pins (active low) allow each channel
to be switched off independently.
The TS2012 is available in a QFN20 package in
4x4 mm dimension.
Gain
Select
PWM
H
Bridge
LIN +
LIN -
G0
G1
LOUT+
LOUT-
STBY L
STBY R
Gain
Select
PWM
H
Bridge
RIN -
RIN +
ROUT+
ROUT-
Oscillator
Standby
Control
1
2
5
7
8
11
14
15
16
17
19
20
TS2012IQT - QFN20 (4x4)
G1
G0
Lout+
PVCC
PGND
PVCC
Rout+
PGND
Lout-
Rout-
1
2
4
3
5
67
8
910
11
12
13
14
15
16
17
18
19
20
G1
G0
Lout+
PVCC
PGND
PVCC
Rout+
PGND
Lout-
Rout-
1
2
4
3
5
67
8
910
11
12
13
14
15
16
17
18
19
20
Pin connections (top view)
Block diagram
www.st.com


Similar Part No. - TS2012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2012 STMICROELECTRONICS-TS2012 Datasheet
633Kb / 29P
Filter-free stereo 2x2.8 W class D audio power amplifier
17-Jul-2013
TS2012EI STMICROELECTRONICS-TS2012EI Datasheet
553Kb / 32P
Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
01-Apr-2014
TS2012EIJT STMICROELECTRONICS-TS2012EIJT Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
TS2012EIJT STMICROELECTRONICS-TS2012EIJT Datasheet
553Kb / 32P
Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
01-Apr-2014
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
More results

Similar Description - TS2012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
STEVAL-CCA007V1 STMICROELECTRONICS-STEVAL-CCA007V1 Datasheet
95Kb / 4P
Demonstration board for the TS2012 filter-free stereo 2x2.8W class D audio power amplifier
23-May-2008
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
January 01, 2016
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com