Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical characteristics
TS2012
12/30
3.2
Electrical characteristic curves
The graphs shown in this section use the following abbreviations:
●
RL+ 15µH or 30µH = pure resistor + very low series resistance inductor
●
Filter = LC output filter (1µF+30µH for 4
Ω and 0.5µF+60µH for 8Ω)
All measurements are done with CSL=CSR=1µF and CS=100nF (see Figure 2), except for
the PSRR where CSL,R is removed (see Figure 3).
Figure 2.
Test diagram for measurements
VN
Output voltage noise f = 20Hz to 20kHz, RL=8Ω
Unweighted (filterless, G=6dB)
A-weighted (filterless, G=6dB)
Unweighted (with LC output filter, G=6dB)
A-weighted (with LC output filter, G=6dB)
Unweighted (filterless, G=24dB)
A-weighted (filterless, G=24dB)
Unweighted (with LC output filter, G=24dB)
A-weighted (with LC output filter, G=24dB)
57
34
54
33
110
71
104
69
µVRMS
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ f = 217Hz.
Table 7.
VCC = +2.5V, GND = 0V, Vic=1.25V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Cin
Cin
(CsR)
1/2 TS2012
C
100nF
In+
In-
15 H or 30 H
μμ
or
LC Filter
Out+
Out-
1 F
μ
Ω
4 or 8
RL
5th order
50kHz
low-pass filter
Audio Measurement
Bandwith < 30kHz
GND
GND
GND
S
CsL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com