Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics TS2012 Datasheet HTML 27Page - STMicroelectronics TS2012 Datasheet HTML 28Page - STMicroelectronics TS2012 Datasheet HTML 29Page - STMicroelectronics TS2012 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package information
TS2012
28/30
Figure 48.
QFN20 package footprint
Note:
The QFN20 package has an exposed pad E2 x D2. For enhanced thermal performance, the
exposed pad must be soldered to a copper area on the PCB, acting as a heatsink. This
copper area can be electrically connected to pin 4, 12, 18 (PGND, AGND) or left floating.
Table 10.
QFN20 package mechanical data
Ref
Dimensions in mm
Min
Typ
Max
A0.8
0.9
1
A1
0.02
0.05
A2
0.65
1
A3
0.25
b
0.18
0.23
0.3
D
3.85
4
4.15
D2
2.6
E
3.85
4
4.15
E2
2.6
e
0.45
0.5
0.55
L0.3
0.4
0.5
ddd
0.08
A4.55
B4.55
C0.50
D0.35
E0.65
F2.45
G0.40
FOOTPRINT DATA (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com