Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TS2012
Electrical characteristics
11/30
Table 7.
VCC = +2.5V, GND = 0V, Vic=1.25V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, both channels
2.8
4
mA
ISTBY
Standby current
No input signal, VSTBY = GND
0.2
2
µA
Voo
Output offset voltage
Floating inputs, G = 6dB, RL = 8Ω
25
mV
Po
Output power
THD + N = 1% max, f = 1kHz, RL = 4Ω
THD + N = 1% max, f = 1kHz, RL = 8Ω
THD + N = 10% max, f = 1kHz, RL = 4Ω
THD + N = 10% max, f = 1kHz, RL = 8Ω
0.53
0.32
0.75
0.45
W
THD + N
Total harmonic distortion + noise
Po = 0.2W, G = 6dB, f =1kHz, RL = 8Ω
0.04
%
Efficiency
Efficiency per channel
Po = 0.53W, RL = 4Ω +15µH
Po = 0.32W, RL = 8Ω+15µH
80
88
%
PSRR
Power supply rejection ratio with inputs grounded
Cin=1µF
(1),f = 217Hz, R
L = 8Ω, Gain=6dB,
Vripple = 200mVpp
70
dB
Crosstalk
Channel separation
Po = 0.2W, G = 6dB, f =1kHz, RL = 8Ω
90
CMRR
Common mode rejection ratio
Cin=1µF, f = 217Hz, RL = 8Ω, Gain=6dB,
ΔVICM = 200mVpp
70
dB
Gain
Gain value
G1 = G0 = VIL
G1 = VIL & G0 = VIH
G1 = VIH & G0 = VIL
G1 = G0 = VIH
5.5
11.5
17.5
23.5
6
12
18
24
6.5
12.5
18.5
24.5
dB
Zin
Single ended input impedance
All gains, refered to ground
24
30
36
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal to noise ratio (A-weighting)
Po = 0.3W, G = 6dB, RL = 8Ω
93
dB
tWU
Wake-up time
1
3
ms
tSTBY
Standby time
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com