Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 20Page - STMicroelectronics TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics TS2012 Datasheet HTML 27Page - STMicroelectronics TS2012 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Application information
TS2012
24/30
4.6
Wake-up time (twu)
When the standby is released to set the device ON, there is a delay of 1ms typically. The
TS2012 has an internal digital delay that mutes the outputs and releases them after this
time in order to avoid any pop noise.
Note:
The gain increases smoothly (see Figure 44) from the mute to the gain selected by the G1
and G0 pin (Section 4.2).
4.7
Shutdown time
When the standby command is set, the time required to set the output stage considered into
high impedance and to put the internal circuitry in shutdown mode, is typically 1ms. This
time is used to decrease the gain and avoid any pop noise during shutdown.
Note:
The gain decreases smoothly until the outputs are muted (see Figure 44).
4.8
Consumption in shutdown mode
Between the shutdown pin and GND there is an internal 300k
Ω (+-/20%) resistor. This
resistor forces the TS2012 to be in shutdown when the shutdown input is left floating.
However, this resistor also introduces additional shutdown power consumption if the
shutdown pin voltage is not 0V.
With a 0.4V shutdown voltage pin for example, you must add 0.4V/300k
Ω=1.3µA in typical
(0.4V/240k
Ω=1.66µA in maximum for each shutdown pin) to the standby current specified in
Table 5 to Table 7. Of course, this current will be provided by the external control device for
standby pins.
4.9
Single-ended input configuration
It is possible to use the TS2012 in a single-ended input configuration. However, input
coupling capacitors are mandatory in this configuration. The schematic diagram in Figure 45
shows a typical single-ended input application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com