Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics TS2012 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TS2012
Electrical characteristics
13/30
Figure 3.
Test diagram for PSRR measurements
VCC
Cin
Cin
1/2 TS2012
Cs
100nF
In+
In-
15 H or 30 H
μμ
or
LC Filter
Out+
Out-
Ω
4 or 8
RL
5th order
50kHz
low-pass filter
RMS Selective Measurement
Bandwith =1% of Fmeas
GND
GND
GND
1 F
μ
1 F
μ
GND
5th order
50kHz
low-pass filter
reference
20Hz to 20kHz
Vripple
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com