Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics TS2012 Datasheet HTML 27Page - STMicroelectronics TS2012 Datasheet HTML 28Page - STMicroelectronics TS2012 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TS2012
Application information
25/30
Figure 45.
Typical application for single-ended input configuration
4.10
Output filter considerations
The TS2012 is designed to operate without an output filter. However, due to very sharp
transients on the TS2012 output, EMI radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS2012
outputs and loudspeaker terminal are long (typically more than 50mm, or 100mm in both
directions, to the speaker terminals). As the PCB layout and internal equipment device are
different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow:
●
Reduce, as much as possible, the distance between the TS2012 output pins and the
speaker terminals.
●
Use a ground plane for “shielding” sensitive wires.
●
Place, as close as possible to the TS2012 and in series with each output, a ferrite bead
with a rated current of minimum 2.5A and impedance greater than 50
Ω at frequencies
above 30MHz. If, after testing, these ferrite beads are not necessary, replace them by a
short-circuit.
●
Allow extra footprint to place, if necessary, a capacitor to short perturbations to ground
(see Figure 46).
VCC
CsL
TS2012
Gain
Select
Gain
Select
Standby
Control
PWM
H
Bridge
PWM
H
Bridge
Oscillator
LIN +
LIN -
RIN -
RIN +
G0
G1
STBY L
STBY R
LOUT+
LOUT-
ROUT+
ROUT-
Left speaker
Right speaker
Cin
Cin
Left Input
Cin
Cin
Right Input
Standby Control
VCC
CsR
VCC
Cs
100nF
Gain Select
Control
1 F
μ
1 F
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com