Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 17Page - STMicroelectronics TS2012 Datasheet HTML 18Page - STMicroelectronics TS2012 Datasheet HTML 19Page - STMicroelectronics TS2012 Datasheet HTML 20Page - STMicroelectronics TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TS2012
Electrical characteristics
21/30
Figure 40.
Crosstalk vs. frequency
Figure 41.
Crosstalk vs. frequency
100
1k
10k
-120
-100
-80
-60
-40
-20
0
R -> L
L -> R
Vcc = 2.5, 3.6, 5V
RL = 4
Ω +30μH
Gain = 24dB
T
AMB
= 25
°C
Frequency (Hz)
20
20k
100
1k
10k
-120
-100
-80
-60
-40
-20
0
R -> L
L -> R
Vcc=2.5, 3.6, 5V
RL=8
Ω +30μH
Gain = 24dB
T
AMB
= 25
°C
Frequency (Hz)
20
20k
Figure 42.
Power derating curves
Figure 43.
Startup and shutdown phase
VCC=5V, G=6dB, Cin=1µF, inputs
grounded
Figure 44.
Startup and shutdown phase
VCC=5V, G=6dB, Cin=1µF, Vin=2Vpp,
F=10kHz
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
No Heat sink
With 4-layer PCB
Ambient Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com