Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 5 Page - STMicroelectronics

  TS2012 Datasheet HTML 1Page - STMicroelectronics TS2012 Datasheet HTML 2Page - STMicroelectronics TS2012 Datasheet HTML 3Page - STMicroelectronics TS2012 Datasheet HTML 4Page - STMicroelectronics TS2012 Datasheet HTML 5Page - STMicroelectronics TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TS2012
Typical application
5/30
2
Typical application
Figure 1.
Typical application schematics
VCC
CsL
TS2012
15 H
μ
2 F
μ
2 F
μ
15 H
μ
30 H
μ
1 F
μ
1 F
μ
30 H
μ
Load
4
LC Output Filter
8
LC Output Filter
Ω
Ω
Gain
Select
Gain
Select
Standby
Control
PWM
H
Bridge
PWM
H
Bridge
Oscillator
LIN +
LIN -
RIN -
RIN +
G0
G1
STBY L
STBY R
LOUT+
LOUT-
ROUT+
ROUT-
Left speaker
Right speaker
Cin
Cin
Left IN+
Input capacitors
are optional
Left IN-
Differential
Left Input
Cin
Cin
Right IN+
Right IN-
Differential
Right Input
Standby Control
VCC
CsR
VCC
Cs
100nF
VCC
CsL
TS2012
Gain
Select
Gain
Select
Standby
Control
PWM
H
Bridge
PWM
H
Bridge
Oscillator
LIN +
LIN -
RIN -
RIN +
G0
G1
STBY L
STBY R
LOUT+
LOUT-
ROUT+
ROUT-
Cin
Cin
Left IN+
Input capacitors
are optional
Left IN-
Differential
Left Input
Cin
Cin
Right IN+
Right IN-
Differential
Right Input
Gain Select
Standby Control
VCC
CsR
1 F
VCC
Cs
100nF
LC Output Filter
LC Output Filter
Load
Control
Gain Select
Control
μ
1 F
μ
1 F
μ
1 F
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com