Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics TS2012 Datasheet HTML 17Page - STMicroelectronics TS2012 Datasheet HTML 18Page - STMicroelectronics TS2012 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TS2012
Electrical characteristics
15/30
Figure 4.
Current consumption vs. power
supply voltage
Figure 5.
Current consumption vs. standby
voltage (one channel)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
1
2
3
4
5
6
One channel ON
Both channels ON
T
AMB
=25°C
No Loads
Power Supply Voltage (V)
01
23
45
0.0
0.5
1.0
1.5
2.0
2.5
V
CC
=3.6V
V
CC
=5V
No Load
T
AMB
=25°C
V
CC
=2.5V
Standby Voltage (V)
Figure 6.
Efficiency vs. output power
Figure 7.
Efficiency vs. output power
0.0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
0
25
50
75
100
125
Vcc=2.5V
RL=4
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
0
100
200
300
400
500
Vcc=5V
RL=4
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)
Figure 8.
Efficiency vs. output power
Figure 9.
Efficiency vs. output power
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
20
40
60
80
100
0
10
20
30
40
50
Vcc=2.5V
RL=8
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
0
40
80
120
160
200
Vcc=5V
RL=8
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com