Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
TS2012
10/30
VN
Output voltage noise f = 20Hz to 20kHz, RL=4Ω
Unweighted (Filterless, G=6dB)
A-weighted (Filterless, G=6dB)
Unweighted (with LC output filter, G=6dB)
A-weighted (with LC output filter, G=6dB)
Unweighted (Filterless, G=24dB)
A-weighted (Filterless, G=24dB)
Unweighted (with LC output filter, G=24dB)
A-weighted (with LC output filter, G=24dB)
58
34
55
34
111
70
105
69
µVRMS
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ f = 217Hz.
Table 6.
VCC = +3.6V, GND = 0V, Vic=1.8V, Tamb = 25°C (unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com