Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 18Page - STMicroelectronics TS2012 Datasheet HTML 19Page - STMicroelectronics TS2012 Datasheet HTML 20Page - STMicroelectronics TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Application information
TS2012
22/30
4
Application information
4.1
Differential configuration principle
The TS2012 is a monolithic fully-differential input/output class D power amplifier. The
TS2012 also includes a common-mode feedback loop that controls the output bias value to
average it at VCC/2 for any DC common mode input voltage. This allows the device to
always have a maximum output voltage swing, and by consequence, maximize the output
power. Moreover, as the load is connected differentially compared with a single-ended
topology, the output is four times higher for the same power supply voltage.
The advantages of a full-differential amplifier are:
●
High PSRR (power supply rejection ratio)
●
High common mode noise rejection
●
Virtually zero pop without additional circuitry, giving a faster start-up time compared
with conventional single-ended input amplifiers
●
Easier interfacing with differential output audio DAC
●
No input coupling capacitors required thanks to common mode feedback loop
4.2
Gain settings
In the flat region of the frequency-response curve (no input coupling capacitor or internal
feedback loop + load effect), the differential gain can be set to 6, 12 18, 24 dB depending on
the logic level of the G0 and G1 pins, as shown in Table 9.
Note:
Between pins G0, G1 and GND there is an internal 300k
Ω (+/-20%) resistor. When the pins
are floating, the gain is 6 dB. In full standby (left and right channels OFF), these resistors are
disconnected (HiZ input).
4.3
Common mode feedback loop limitations
As explained previously, the common mode feedback loop allows the output DC bias voltage
to be averaged at VCC/2 for any DC common mode bias input voltage.
Due to the Vic limitation of the input stage (see Table 2: Operating conditions on page 4), the
common mode feedback loop can fulfil its role only within the defined range.
Table 9.
Gain settings with G0 and G1 pins
G1
G0
Gain (dB)
Gain (V/V)
00
62
01
12
4
10
18
8
1
1
24
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com