Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 19Page - STMicroelectronics TS2012 Datasheet HTML 20Page - STMicroelectronics TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics TS2012 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TS2012
Application information
23/30
4.4
Low frequency response
If a low frequency bandwidth limitation is required, it is possible to use input coupling
capacitors. In the low frequency region, the input coupling capacitor Cin starts to have an
effect. Cin forms, with the input impedance Zin, a first order high-pass filter with a -3dB cut-
off frequency (see Table 5 to Table 7):
So, for a desired cut-off frequency FCL Cin is calculated as follows:
with FCL in Hz, Zin in Ω and Cin in F.
The input impedance Zin is for the whole power supply voltage range, typically 30kΩ . There
is also a tolerance around the typical value (see Table 5 to Table 7). You can also calculate
the tolerance of the FCL:
●
●
4.5
Decoupling of the circuit
Power supply capacitors, referred to as CS,CSL,CSR are needed to correctly bypass the
TS2012.
The TS2012 has a typical switching frequency of 280kHz and output fall and rise time about
5ns. Due to these very fast transients, careful decoupling is mandatory.
A 1µF ceramic capacitor between each PVCC and PGND and also between AVCC and
AGND is enough, but they must be located very close to the TS2012 in order to avoid any
extra parasitic inductance created by a long track wire. Parasitic loop inductance, in relation
with di/dt, introduces overvoltage that decreases the global efficiency of the device and may
cause, if this parasitic inductance is too high, a TS2012 breakdown.
In addition, even if a ceramic capacitor has an adequate high frequency ESR value, its
current capability is also important. A 0603 size is a good compromise, particularly when a
4
Ω load is used.
Another important parameter is the rated voltage of the capacitor. A 1µF/6.3V capacitor
used at 5V, loses about 50% of its value. With a power supply voltage of 5V, the decoupling
value, instead of 1µF, could be reduced to 0.5µF. As CS has particular influence on the
THD+N in the medium to high frequency region, this capacitor variation becomes decisive.
In addition, less decoupling means higher overshoots which can be problematic if they reach
the power supply AMR value (6V).
F
CL
1
2
π Z
in
C
in
⋅⋅
⋅
--------------------------------------------
=
C
in
1
2
π Z
in
F
CL
⋅⋅
⋅
----------------------------------------------
=
F
CLmax
1.103
F
CL
⋅
=
F
CLmin
0.915
F
CL
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com