Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72-059 Datasheet(PDF) 2 Page - NTE Electronics

Part # 72-059
Description  Crocodile Clip, Flanged, Fully Insulated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

72-059 Datasheet(HTML) 2 Page - NTE Electronics

  72-059 Datasheet HTML 1Page - NTE Electronics 72-059 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEW
30
NTE Electronics, Inc. D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
Crocodile Clip, Screw Type
Features
• UL/CSA Compliant
• For Use With 1000V Fused Probe Bodies
NTE Type No.
Color
Diag No.
72−059
Black
TL−013
72−060
Red
TL−013
72−060−KIT
Contains 1 ea. of 72−059 & 72−060
TL−013
5.500 (139.7)
1.614 (41.0)
1.417
(36.0)
Specifications
IEC 1010 Rating: 1000V CAT3
Maximum Jaw Opening: .866” (22mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com