Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72-059 Datasheet(PDF) 1 Page - NTE Electronics

Part # 72-059
Description  Crocodile Clip, Flanged, Fully Insulated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

72-059 Datasheet(HTML) 1 Page - NTE Electronics

  72-059 Datasheet HTML 1Page - NTE Electronics 72-059 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEW
NEW
NEW
29
NTE Electronics, Inc. D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
Crocodile Clip, Flanged, Fully Insulated
Features
• UL/CSA Compliant
• Accepts All Standard 4mm Test Lead Plugs
• Offset Jaw & Special Tooth Design Grips Small an Large Diameter
Test Points Securely
NTE Type No.
Color
Diag No.
72−053
Black
TL−010
72−054
Red
TL−010
72−054−KIT
Contains 1 ea. of 72−053 & 72−054
TL−010
3.188 (81.0)
1.220 (31.0)
1.496
(38.0)
Specifications
IEC 1010 Rating: 1000V CAT2 / 600V CAT3
20 Amps
Maximum Jaw Opening: .945” (24mm)
Crocodile Clip, Small, Fully Insulated
Features
• Accepts All Standard 4mm Test Lead Plugs
• Small Size is Ideal for Connecting to Confined Test Points
NTE Type No.
Color
Diag No.
72−055
Black
TL−011
72−056
Red
TL−011
72−056−KIT
Contains 1 ea. of 72−055 & 72−056
TL−011
3.310 (84.0)
.940
(23.9)
Specifications
Rating: 1000V CAT2, 20 Amps
Maximum Jaw Opening: .275” (7mm)
Crocodile Clip, Large, Fully Insulated
Features
• UL/CSA Compliant
• Accepts All Standard 4mm Test Lead Plugs
• Wide Jaw Opening & Special Tooth Design Assures Firm Grip
and Electrical Contact
NTE Type No.
Color
Diag No.
72−057
Black
TL−012
72−058
Red
TL−012
72−058−KIT
Contains 1 ea. of 72−057 & 72−058
TL−012
1.614 (41.0)
3.543 (90.0)
1.417
(36.0)
Specifications
IEC 1010 Rating: 1000V CAT3 / 600V CAT4
30 Amps
Maximum Jaw Opening: .866” (22mm)


Similar Part No. - 72-059

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
72-051 NTE-72-051 Datasheet
85Kb / 2P
4mm Full Safety Spade Terminal
72-052 NTE-72-052 Datasheet
85Kb / 2P
4mm Full Safety Spade Terminal
72-052-KIT NTE-72-052-KIT Datasheet
85Kb / 2P
4mm Full Safety Spade Terminal
More results

Similar Description - 72-059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
InsulKrimp??Fully Insulated
logo
List of Unclassifed Man...
BU-85 ETC2-BU-85 Datasheet
55Kb / 1P
Crocodile Clip
BU-63-0 ETC2-BU-63-0 Datasheet
83Kb / 1P
Insulated Alligator Clip
BU-102B-0 ETC2-BU-102B-0 Datasheet
50Kb / 1P
Insulated Battery Clip
BU-102W-0 ETC2-BU-102W-0 Datasheet
51Kb / 2P
Insulated Welding Clip
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
Insulated Kelvin Battery Clip
BU-109-0 ETC2-BU-109-0 Datasheet
306Kb / 1P
Mini Insulated Alligator Clip.
BU-112-0 ETC2-BU-112-0 Datasheet
285Kb / 1P
Insulated Mini Clip
BU-654-0 ETC2-BU-654-0 Datasheet
51Kb / 1P
Large Flanged Safety Alligator Clip
logo
Vishay Siliconix
VS-UFB130FA40 VISHAY-VS-UFB130FA40 Datasheet
142Kb / 6P
Fully insulated package
31-May-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com