Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC237N
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC237N Datasheet HTML 5Page - NXP Semiconductors 74HC237N Datasheet HTML 6Page - NXP Semiconductors 74HC237N Datasheet HTML 7Page - NXP Semiconductors 74HC237N Datasheet HTML 8Page - NXP Semiconductors 74HC237N Datasheet HTML 9Page - NXP Semiconductors 74HC237N Datasheet HTML 10Page - NXP Semiconductors 74HC237N Datasheet HTML 11Page - NXP Semiconductors 74HC237N Datasheet HTML 12Page - NXP Semiconductors 74HC237N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9397 750 13807
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
9 of 19
Philips Semiconductors
74HC237
3-to-8 line decoder, demultiplexer with address latches
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay An to Yn
see Figure 6
VCC = 2.0 V
-
52
160
ns
VCC = 4.5 V
-
19
32
ns
VCC = 6.0 V
-
15
27
ns
VCC = 5.0 V; CL = 15 pF
-
16
-
ns
propagation delay LE to Yn
see Figure 6
VCC = 2.0 V
-
61
190
ns
VCC = 4.5 V
-
22
38
ns
VCC = 6.0 V
-
18
32
ns
VCC = 5.0 V; CL = 15 pF
-
19
-
ns
propagation delay E1to Yn
see Figure 7
VCC = 2.0 V
-
47
145
ns
VCC = 4.5 V
-
17
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
ns
propagation delay E2 to Yn
see Figure 6
VCC = 2.0 V
-
47
145
ns
VCC = 4.5 V
-
17
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
ns
tTHL, tTLH
output transition time
see Figure 7
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns
tW
LE pulse width HIGH
see Figure 8
VCC = 2.0 V
50
11
-
ns
VCC = 4.5 V
10
4
-
ns
VCC = 6.0 V
9
3
-
ns
tsu
set-up time An to LE
see Figure 8
VCC = 2.0 V
50
6
-
ns
VCC = 4.5 V
10
2
-
ns
VCC = 6.0 V
9
2
-
ns
th
hold time An to LE
see Figure 8
VCC = 2.0 V
30
3
-
ns
VCC = 4.5 V
6
1
-
ns
VCC = 6.0 V
5
1
-
ns
CPD
power dissipation capacitance
VI = GND to VCC
[1] -60
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com