Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC237N
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC237N Datasheet HTML 9Page - NXP Semiconductors 74HC237N Datasheet HTML 10Page - NXP Semiconductors 74HC237N Datasheet HTML 11Page - NXP Semiconductors 74HC237N Datasheet HTML 12Page - NXP Semiconductors 74HC237N Datasheet HTML 13Page - NXP Semiconductors 74HC237N Datasheet HTML 14Page - NXP Semiconductors 74HC237N Datasheet HTML 15Page - NXP Semiconductors 74HC237N Datasheet HTML 16Page - NXP Semiconductors 74HC237N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
9397 750 13807
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
13 of 19
Philips Semiconductors
74HC237
3-to-8 line decoder, demultiplexer with address latches
13. Application information
Test data is given in Table 9.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
Fig 9.
Load circuitry for switching times
Table 9:
Test data
Supply
Input
Load
VCC
VI
tr, tf
CL
2.0 V
VCC
6 ns
50 pF
4.5 V
VCC
6 ns
50 pF
6.0 V
VCC
6 ns
50 pF
5.0 V
VCC
6 ns
15 pF
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
D.U.T.
Fig 10. 6-to-64 line decoder with input address storage
001aab876
16
237
outputs
to five
other
decoders
17 18 19 20 21 22 23
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
LE
A2 A1 A0
E1 E2
8
237
outputs
9
10 11 12 13 14 15
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
LE
A2 A1 A0
E1 E2
0
237
outputs
1
2
3
4
5
6
7
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
LE
A2 A1 A0
E1 E2
0
237
12
3
4
5
6
7
Y0
X0
decoder enable
input
address
strobe
X1
X2
X3
X4
X5
Y1 Y2 Y3 Y4 Y5 Y6 Y7
LE
A2 A1 A0
E1 E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com