Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-W5AM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LA-W5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-W5AM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LA-W5AM Datasheet HTML 5Page - OSRAM GmbH LA-W5AM Datasheet HTML 6Page - OSRAM GmbH LA-W5AM Datasheet HTML 7Page - OSRAM GmbH LA-W5AM Datasheet HTML 8Page - OSRAM GmbH LA-W5AM Datasheet HTML 9Page - OSRAM GmbH LA-W5AM Datasheet HTML 10Page - OSRAM GmbH LA-W5AM Datasheet HTML 11Page - OSRAM GmbH LA-W5AM Datasheet HTML 12Page - OSRAM GmbH LA-W5AM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Vorläufige Daten / Preliminary Data
LR W5AM, LA W5AM, LY W5AM
2009-06-19
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
*The emitter die exhibits excellent performance
but slight package discoloration occurs at highest
temperatures. The median lifetime depends on the
application
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
020
80
60
40
100
140
˚C
T
Do not use current below 100 mA
100
0
200
400
300
500
I
700
600
800
OHL02948
F
900
mA
1100
S
0
-5
F
I
A
tp
s
OHL03757
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
=
D
P
T
t
t
P
IF
0.5
1.0
1.5
2.0
2.5
0.02
0.1
0.05
D
0.01
0.005
=
1
0.5
0.2
0.033
Exemplarische durchschnittliche Lebens-
dauerfür mittlere Helligkeitsgruppe
2) Seite 17
Exemplary median Lifetime
2) page 17
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 500 mA
T
S = 25°C
t.b.d.
Betriebsstunden
operating hours
I
F = 700 mA
T
S = 85°C
t.b.d.
Betriebsstunden
operating hours
0
-5
F
I
A
tp
s
OHL03758
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
=
D
P
T
t
t
P
IF
0.5
1.0
1.5
2.0
2.5
0.02
0.1
0.05
D
0.01
0.005
=
1
0.5
0.2
0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com