Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-2332 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-2332
Description  Especially suitable for applications from 350nm to 780nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2332 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-2332 Datasheet HTML 1Page - OSRAM GmbH SFH-2332 Datasheet HTML 2Page - OSRAM GmbH SFH-2332 Datasheet HTML 3Page - OSRAM GmbH SFH-2332 Datasheet HTML 4Page - OSRAM GmbH SFH-2332 Datasheet HTML 5Page - OSRAM GmbH SFH-2332 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SFH 2332
2008-05-25
4
Relative Spectral Sensitivity
S
rel = f (λ)
Dark Current
I
R = f (VR), E = 0
Directional Characteristics
S
rel = f (ϕ)
400
0
nm
%
OHF03041
20
40
60
80
100
λ
500 600 700 800 900
1100
10
30
50
70
rel
S
V
OHF03043
R
R
I
-2
10
0
10
-1
10
0
V
nA
5
10
15
10
-3
5
5
Capacitance
C = f (V
R), E = 0
Total Power Dissipation
P
tot = f (TA)
OHF03042
0
R
V
-3
10
-2
10
-1
10
0
10
1
10
2
10
V
pF
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
C
Switching Time
t
r,tf = f (VR)
OHF03917
VR
r
t
ns
0V
0
,
f
t
2
4
6
8
10 12
16
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com