Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-2332 Datasheet (PDF) - OSRAM GmbH

Part # SFH-2332
Description  Especially suitable for applications from 350nm to 780nm
File Size   262.98 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2332 Datasheet (PDF) - OSRAM GmbH



Similar Part No. - SFH-2332

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-2302 OSRAM-SFH-2302 Datasheet
230Kb / 6P
Schnelle PIN-Fotodiode
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Similar Description - SFH-2332

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
Suitable for high vibration applications
logo
OSRAM GmbH
BP103 OSRAM-BP103 Datasheet
226Kb / 7P
Especially suitable for applications from 420 nm to 1130 nm
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
logo
eleflow technologies co...
2SC2312 ELEFLOW-2SC2312 Datasheet
117Kb / 2P
Especially suitable for the output stage of 27MHz 4W AM
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com