Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC-09HT Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24C01ASC-09HT
Description  Two-wire Serial EEPROM Smart Card Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC-09HT Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24C01ASC-09HT Datasheet HTML 3Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 4Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 5Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 9Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 10Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
Device Addressing
The 1K, 2K, 4K, 8K, and 16K EEPROM devices all require an 8-bit device address word
following a start condition to enable the chip for a read or write operation (see Figure 6
on page 7).
The device address word consists of a mandatory “1”, “0”, “1”, “0” sequence for the first
four most significant bits as shown. This is common to all the serial EEPROM devices.
The next three bits of the device address word are the most significant data word
address bits for the AT24C16SC (16K), which requires a total of 11 address bits. The
AT24C08SC (8K) requires only 10 total word address bits. The most significant two bits
are included in the device address word. The unused bit of the device address word
should be set to “0”. The AT24C04SC (4K) requires only nine total data word address
bits. The most significant bit is included in the device address word. The two unused bits
o f the devic e addr ess word s hould be s et to “0”. The A T24C 02SC (2K) and
AT24C01ASC (1K) do not require any address bits in the device address word. The
three unused bits of the device address word should be set to “0”.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high, and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0” (ACK). If a suc-
cessful compare is not made, the chip will return to a standby state (NO ACK).
Figure 6. Device Address
Note:
P0, P1, P2 = Data word address bits
1K/2K
4K
8K
16K
MSD
LSB
1
0
100
0
0
R/W
1
0
100
0
P0
R/W
1
0
1
0
0
P1
P0
R/W
1
0
1
0
P2
P1
P0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com