Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC-09HT Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C01ASC-09HT
Description  Two-wire Serial EEPROM Smart Card Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC-09HT Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C01ASC-09HT Datasheet HTML 1Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 2Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 3Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 4Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 5Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC-09HT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
AT24C04SC, 4K SERIAL EEPROM: Internally organized with 32 pages of 16 bytes
each, the 4K requires a 9-bit data word address for random word addressing.
AT24C08SC, 8K SERIAL EEPROM: Internally organized with 64 pages of 16 bytes
each, the 8K requires a 10-bit data word address random word addressing.
AT24C16SC, 16K SERIAL EEPROM: Internally organized with 128 pages of 16 bytes
each, the 16K requires an 11-bit data word address random word addressing.
Pin Capacitance
Note:
1. This parameter is characterized and is not 100% tested.
DC Characteristics
Notes:
1. Applicable over recommended operating range from: TAC = 0°C to +70°C, VCC = +2.7V to +5.5V (unless otherwise noted)
2. VIL min and VIH max are reference only and are not tested.
AC Characteristics
Table 2. Pin Capacitance
(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +2.7V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (SCL)
6
pF
VIN = 0V
Table 3. DC Characteristics
(1)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current VCC = 5.0V
READ at 100 kHz
0.4
1.0
mA
I
CC
Supply Current V
CC = 5.0V
WRITE at 100 kHz
2.0
3.0
mA
I
SB1
Standby Current V
CC = 2.7V
V
IN = VCC or GND
1.6
4.0
µA
I
SB2
Standby Current V
CC = 5.0V
V
IN = VCC or GND
8.0
18.0
µA
ILI
Input Leakage Current
VIN = VCC or GND
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC or GND
0.05
3.0
µA
VIL
Input Low Level
(2)
−0.6
VCC x 0.3
V
VIH
Input High Level
(2)
VCC x 0.7
VCC + 0.5
V
V
OL
Output Low Level V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
Table 4. AC Characteristics(1)
Symbol
Parameter
Min
Max
Units
f
SCL
Clock Frequency, SCL
400
kHz
t
LOW
Clock Pulse Width Low
1.2
µs
tHIGH
Clock Pulse Width High
0.6
µs
tI
Noise Suppression Time
(2)
50
ns
tAA
Clock Low to Data Out Valid
0.1
0.9
µs
tBUF
Time the bus must be free before a new transmission can start
(1)
1.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com