Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2906AL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N2906AL
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906AL Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2906AL Datasheet HTML 1Page - Microsemi Corporation 2N2906AL Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP SMALL SIGNAL SILICON TRANSISTOR
Qualified per MIL-PRF-19500/291
Devices
Qualified Level
2N2906A
2N2906AL
2N2906AUA
2N2906AUB
2N2907A
2N2907AL
2N2907AUA
2N2907AUB
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
All Types
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
600
mAdc
Total Power Dissipation
@ TA = +25
0C
@ TC = +25
0C
PT
(1)
PT
(2 / 3)
0.4
1.8
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
1)
Derate linearly 2.28 mW/
0C for TA > +250C.
2)
Derate linearly 10.3 mW/
0C for TC > +250C.
3)
For UA and UB surface mount case outlines: PT = 1.16 W;
derate linearly 6.6mW/
0C for TC > +250C.
TO-18* (TO-206AA)
4 PIN*
2N2906AUA, 2N2907AUA
3 PIN*
2N2906AUB, 2N2907AUB
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
60
Vdc
Collector-Base Cutoff Current
VCE = 50 Vdc
VCE = 60 Vdc
ICBO
10
10
µAdc
ηAdc
Collector-Base Cutoff Current
VCE = 50 Vdc
ICES
50
ηAdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc
VEB = 5.0 Vdc
IEBO
50
10
ηAdc
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N2906AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2906AL MICROSEMI-2N2906AL Datasheet
105Kb / 6P
RADIATION HARDENED
More results

Similar Description - 2N2906AL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076 Datasheet
18Kb / 2P
SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Micro Electronics
BC556 MICRO-ELECTRONICS-BC556 Datasheet
286Kb / 4P
PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
ZTX500 ZETEX-ZTX500 Datasheet
42Kb / 2P
PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N2944A MICROSEMI-2N2944A Datasheet
56Kb / 2P
PNP SILICON SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076_1 Datasheet
30Kb / 3P
SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N3485A MICROSEMI-2N3485A Datasheet
55Kb / 2P
PNP SILICON SMALL SIGNAL TRANSISTOR
2N4261 MICROSEMI-2N4261 Datasheet
157Kb / 4P
PNP SMALL SIGNAL SILICON TRANSISTOR
2N4261 MICROSEMI-2N4261_1 Datasheet
196Kb / 5P
PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Diodes Incorporated
ZTX541 DIODES-ZTX541 Datasheet
46Kb / 2P
PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
MARCH 1994
ZTX500 DIODES-ZTX500 Datasheet
46Kb / 2P
PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
MARCH 1994
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com