Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2906AL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2906AL
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906AL Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2906AL Datasheet HTML 1Page - Microsemi Corporation 2N2906AL Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2906A, 2N2907A JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(4)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 1.0 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 10 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 150 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 500 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
hFE
40
75
40
100
40
100
40
100
40
50
175
450
120
300
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
0.4
1.6
Vdc
Base-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(sat)
0.6
1.3
2.6
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz
2N2906A,UA, UB
2N2907A,UA, UB
hfe
40
100
Magnitude of Small-Signal Forward Current Transfer Ratio
VCE = 20 Vdc, IC = 20 mAdc, f = 100 MHz
hfe
2.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
8.0
pF
Input Capacitance
VEB = 2.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
30
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 150 mAdc; IB1= 50 mAdc
ton
45
ηs
Turn-Off Time
VCC = 30 Vdc; IC = 150 mAdc; IB1 = -IB2 = 50 mAdc
toff
300
ηs
(4) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com