Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4124 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MMST4124
Description  25V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 5 Page - Diodes Incorporated

  MMST4124 Datasheet HTML 1Page - Diodes Incorporated MMST4124 Datasheet HTML 2Page - Diodes Incorporated MMST4124 Datasheet HTML 3Page - Diodes Incorporated MMST4124 Datasheet HTML 4Page - Diodes Incorporated MMST4124 Datasheet HTML 5Page - Diodes Incorporated MMST4124 Datasheet HTML 6Page - Diodes Incorporated MMST4124 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMST4124
Document number: DS30163 Rev. 10 - 2
5 of 7
www.diodes.com
July 2016
© Diodes Incorporated
MMST4124
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0.1
1
10
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Typical Base-Emitter
Saturation Voltage vs. Collector Current
I
C
B
I
= 10
0
5
15
10
0.1
1
10
100
V
, COLLECTOR-BASE VOLTAGE (V)
CB
Input and Output Capacitance vs.
Collector-Base Voltage
Cibo
Cobo
f = 1MHz
0.01
0.1
1
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Typical Collector-Emitter
Saturation Voltage vs. Collector Current
I
C
B
I
= 10
1
10
1,000
100
0.1
1
10
1,000
100
h
,
D
C
C
U
R
R
E
N
T
G
A
I
N
F
E
I , COLLECTOR CURRENT (mA)
C
Typical DC Current Gain vs. Collector Current
T = -25°C
A
T = 25°C
A
T = 125°C
A
V
= 1.0V
CE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com