Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4124 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST4124
Description  25V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST4124 Datasheet HTML 1Page - Diodes Incorporated MMST4124 Datasheet HTML 2Page - Diodes Incorporated MMST4124 Datasheet HTML 3Page - Diodes Incorporated MMST4124 Datasheet HTML 4Page - Diodes Incorporated MMST4124 Datasheet HTML 5Page - Diodes Incorporated MMST4124 Datasheet HTML 6Page - Diodes Incorporated MMST4124 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMST4124
Document number: DS30163 Rev. 10 - 2
1 of 7
www.diodes.com
July 2016
© Diodes Incorporated
MMST4124
K2N
25V NPN SMALL SIGNAL TRANSISTOR IN SOT323
Features
BVCEO > 25V
IC = 200mA Collector Current
Epitaxial Planar Die Construction
Ultra-Small Surface Mount Package
Complementary PNP Type: MMST4126
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT323
Case Material: Molded Plastic
“Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per
MIL-STD-202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Peel
MMST4124-7-F
Active
AEC-Q101
K1B
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
Code
D
E
F
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
Pin-Out Top view
C
E
B
e3
SOT323
K1B = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: D = 2016)
M or M = Month (ex: 9 = September)
K1B
SOT323


Similar Part No. - MMST4124

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST4124 DIODES-MMST4124 Datasheet
40Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. B-1
MMST4124 DIODES-MMST4124 Datasheet
205Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. 7 - 2
MMST4124 DIODES-MMST4124 Datasheet
80Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 January 2009
MMST4124-7-F DIODES-MMST4124-7-F Datasheet
205Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. 7 - 2
MMST4124-7-F DIODES-MMST4124-7-F Datasheet
80Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 January 2009
More results

Similar Description - MMST4124

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Diodes Incorporated
MMBT4124 DIODES-MMBT4124_16 Datasheet
329Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 13
MMBT4126 DIODES-MMBT4126_16 Datasheet
345Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMDT4124 DIODES-MMDT4124_16 Datasheet
267Kb / 7P
25V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 12
MMDT4126 DIODES-MMDT4126_16 Datasheet
231Kb / 6P
25V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 11
MMST4126 DIODES-MMST4126_16 Datasheet
360Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com