Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1997 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1997
Description  Configurable Precision Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1997 Datasheet(HTML) 1 Page - Linear Technology

  LT1997 Datasheet HTML 1Page - Linear Technology LT1997 Datasheet HTML 2Page - Linear Technology LT1997 Datasheet HTML 3Page - Linear Technology LT1997 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
dc2551af
DEMO MANUAL DC2551A
Description
LT1997
Configurable Precision Amplifier
Demonstration Circuit 2551A is a Configurable Precision
Amplifier featuring the LT®1997.
The DC2551A-A supports the LT1997-3 version.
This demo board provides a rapid evaluation tool with
jumpers providing the typical interconnection options that
facilitate setting the pin-strapped internal gain configura-
tion. The LT1997 is unusual in that it may be powered
from a low voltage (down to 3.3V) while it accepts signals
well outside the supply range. This device also supports
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
operating principles
particularly high supply voltages, up to 50V. Connection
points are provided to wire the amplifier in other configu-
rations besides those possible with the jumpers alone.
The key performance characteristics of the LT1997 and
DC2551A are shown in the Performance Summary below.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2551A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+INA, V–INA
Input Range
Thermally Limited to Short-Term
–160
160
V
Other Inputs
–0.3
80
V
V+, V–
Amplifier Supply Range (Total If Split Supplies)
3.3
5…30
50
V
VOUT
Output Signal
V–+0.35
V+– 0.7
V
IOUT
Output Current Range
±10
±25
mA
IS
Supply Current
IOUT = 0
330
525
µA
BW
Small Signal –3dB Bandwidth
300
1100
kHz
The LT1997 is an op amp that includes integrated preci-
sion resistors for providing many useful high accuracy
functions with minimal external components. The default
configuration of the demo circuit is a difference amplifier
structure with gain set to minimum and the output refer-
enced to mid-supply. Refer to the LT1997 data sheet for
tabulations of various practical circuit configurations that
can be implemented, many of which are easily created by
jumperrelocationonthedemoboard.Largeviasandsome
spare pads are also provided so that other more special-
ized configurations can be evaluated, such as AC-coupled
gain blocks or summing amplifiers. The demo circuit also
provides connector footprints for user-furnished BNC
connectors if cable connectivity is desired.


Similar Part No. - LT1997

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
LT1997-2 AD-LT1997-2 Datasheet
806Kb / 26P
Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
Precision, Wide Voltage Range Gain Selectable Amplifier
LT1997-3 AD-LT1997-3 Datasheet
270Kb / 16P
±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
Rev 0
More results

Similar Description - LT1997

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
logo
National Semiconductor ...
LH4117 NSC-LH4117 Datasheet
138Kb / 6P
PRECISION RF AMPLIFIER
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
Configurable 3-way isolating amplifier
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
logo
Maxim Integrated Produc...
MAX6226EVKIT MAXIM-MAX6226EVKIT Datasheet
741Kb / 5P
Configurable for Precision Current Source
Rev 0; 12/18
MAX6079EVKIT MAXIM-MAX6079EVKIT Datasheet
940Kb / 5P
Configurable for Precision Current Source
Rev 0; 10/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com