Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1997 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1997
Description  Configurable Precision Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1997 Datasheet(HTML) 2 Page - Linear Technology

  LT1997 Datasheet HTML 1Page - Linear Technology LT1997 Datasheet HTML 2Page - Linear Technology LT1997 Datasheet HTML 3Page - Linear Technology LT1997 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
dc2551af
DEMO MANUAL DC2551A
Quick start proceDure
Demonstration circuit 2551A is easy to set up to evaluate
the performance of the LT1997. Refer to Figure 1 for a
suitable equipment setup and follow the procedure below:
1. Place jumpers in the following positions:
JP1, JP2 to the ENable position
JP6 to the –IN position
JP7 to the +IN position
JP11-JP13 to the SPLIT position as shown (JP11
and JP12 should generally be positioned as a set).
JP3-JP5, JP8-JP10 should be removed or connected
to just one of their posts.
2. With power off, connect the power supply positive to
+V, the supply negative to –V, and the common to GND.
The supplies should be preset in the range of ±1.7V to
±25V.
3. Connect a voltmeter or oscilloscope probe to the OUT
terminal, with the common connection or ground clip
tied to GND.
4. Connect a signal source to the +IN and –IN.
NOTE: Generators will typically be referenced to earth
ground. An AC ‘cheater’ plug may be needed if a de-
liberate offset is to be introduced with another power
supply.
5. Turn on the power supplies.
6. Check for an output voltage that is a replica of the input
signal processed with the appropriate gain.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com