Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8048 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8048
Description  22V, 4A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8048 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8048 Datasheet HTML 1Page - Monolithic Power Systems MP8048 Datasheet HTML 2Page - Monolithic Power Systems MP8048 Datasheet HTML 3Page - Monolithic Power Systems MP8048 Datasheet HTML 4Page - Monolithic Power Systems MP8048 Datasheet HTML 5Page - Monolithic Power Systems MP8048 Datasheet HTML 6Page - Monolithic Power Systems MP8048 Datasheet HTML 7Page - Monolithic Power Systems MP8048 Datasheet HTML 8Page - Monolithic Power Systems MP8048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP8048 - 22V, 4A QUAD CHANNEL POWER HALF-BRIDGE
M8048 Rev. 1.1
www.MonolithicPower.com
2
9/10/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP8048DQK
QFN 40 (6mm x 6mm)
MP8048DQK
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP8048DQK–Z). For Lead Free, add suffix –LF
(e.g. MP8048DQK–LF–Z)
PACKAGE REFERENCE
SW1B
N/C
SW1B
VSP1B
VSP1B
VSP1A
SW1A
SW1A
PGND1A
PGND1A
1
2
3
4
5
6
7
8
9
10
PGND2A
SW2A
SW2A
VSP2A
VSP2A
VSP2B
SW2B
SW2B
PGND2B
PGND2B
30
29
28
27
26
25
24
23
22
21
ABSOLUTE MAXIMUM RATINGS (1)
VSP Supply Voltage .................................... 24V
SW1/2 Pin Voltage.............. –0.3V to VDD + 0.3V
SW1/2 to BST1/2 ...........................–0.3V to +6V
Voltage at All Other Pins................–0.3V to +6V
Continuous Power Dissipation.. (TA = +25°C)
(2)
………………………………………….… ...4.2W
Storage Temperature.............. –55
°C to +150°C
Junction Temperature.............................150°C
Lead Temperature .................................260°C
Recommended Operating Conditions
(3)
VSP Supply Voltage ........................7.5V to 22V
Peak Output Current......................4A Maximum
Operating Temperature............. –40
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
QFN40 (6mm x 6mm)............. 30 ....... 6....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com