Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8048 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8048
Description  22V, 4A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8048 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8048 Datasheet HTML 1Page - Monolithic Power Systems MP8048 Datasheet HTML 2Page - Monolithic Power Systems MP8048 Datasheet HTML 3Page - Monolithic Power Systems MP8048 Datasheet HTML 4Page - Monolithic Power Systems MP8048 Datasheet HTML 5Page - Monolithic Power Systems MP8048 Datasheet HTML 6Page - Monolithic Power Systems MP8048 Datasheet HTML 7Page - Monolithic Power Systems MP8048 Datasheet HTML 8Page - Monolithic Power Systems MP8048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP8048 - 22V, 4A QUAD CHANNEL POWER HALF-BRIDGE
M8048 Rev. 1.1
www.MonolithicPower.com
4
9/10/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
NC
No connect.
2,3
SW1B
Switched Output 1B. Connect the output LC filter to SW1B. SW1B is valid
approximately 100µs after VSP goes high.
4,5
VSP1B
Power Supply Input. Connect VSP1B to the positive side of the input power supply.
Bypass VSP1B to PGND as close to the IC as possible.
6
VSP1A
Power Supply Input. Connect VSP1A to the positive side of the input power supply.
Bypass VSP1A to PGND as close to the IC as possible.
7,8
SW1A
Switched Output 1A. Connect the output LC filter to SW1A. SW1A is valid
approximately 100µs after VSP goes high.
9,10
PGND1A
Power Ground of channel 1A. Connect the exposed pad on bottom side to the ground
plane.
11
BST1A
Bootstrap Supply. BST1A powers the high-side gate of the SW1A stage. Connect a
0.1μF or greater capacitor between BST1A and SW1A.
12
PWM1A
Driver Logic Input 1A. Drive PWM1 with the signal that controls the MP8048 SW1A.
Drive PWM high to turn on the high side switch; drive PWM low to turn on the low-side
switch.
13
PWM1B
Driver Logic Input 1B. Drive PWM1 with the signal that controls the MP8048 SW1B.
Drive PWM high to turn on the high side switch; drive PWM low to turn on the low-side
switch.
14
FAULTB
Fault Output. A low output at FAULT indicates that the MP8048 has detected an over
temperature or over current condition. This output is open drain.
15
SHDNB
Shutdown Input. When low, the IC will be shut off.
16,35
AGND
Analog Ground.
17
PWM2A
Driver Logic Input 2A. Drive PWM2 with the signal that controls the MP8048 SW2A.
Drive PWM high to turn on the high side switch; drive PWM low to turn on the low-side
switch.
18
STBYB
Standby Input. Default low (internal pull-down). If driven high, the output of the drivers
is determined by the PWM1A/1B/2A/2B. If driven low, the output of both drivers is high
impedance.
19
PWM2B
Driver Logic Input 2B. Drive PWM2 with the signal that controls the MP8048 SW2B.
Drive PWM high to turn on the high side switch; drive PWM low to turn on the low-side
switch.
20
BST2B
Bootstrap Supply. BST2B powers the high-side gate of the SW2B stage. Connect a
0.1μF or greater capacitor between BST2B and SW2B.
21,22
PGND2B
Power Ground of Channel 2B. Connect the exposed pad on the bottom side to the
ground plane.
23,24
SW2B
Switched Output 2B. Connect the output LC filter to SW2B. SW2B is valid
approximately 100µs after VSP goes high.
25
VSP2B
Power Supply Input. Connect VSP2B to the positive side of the input power supply.
Bypass VSP2B to PGND as close to the IC as possible.
26,27
VSP2A
Power Supply Input. Connect VSP2A to the positive side of the input power supply.
Bypass VSP2A to PGND as close to the IC as possible.
28,29
SW2A
Switched Output 2A. Connect the output LC filter to SW2A. SW2A is valid
approximately 100µs after VSP goes high.
30,31
PGND2A
Power Ground of channel 2A. Connect the exposed pad on bottom side to the ground
plane.
32
BST2A
Bootstrap Supply. BST2A powers the high-side gate of the SW2A stage. Connect a
0.1μF or greater capacitor between BST2A and SW2A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com