Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 7 Page - Linear Technology

Part # LT4321
Description  High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology LT4321 Datasheet HTML 10Page - Linear Technology LT4321 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
dc2475aafb
DEMO MANUAL
DC2475A-A
parts List
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC2475A General BOM
1
1
CG1
CAP, CER, X7R 1000pF 2kV 10% 1808
MURATA GR442QR73D102KW01L
2
1
CG2
CAP, CER, X7R 0.01µF 100V 20% 1206
AVX 12061C103MAT2A
3
0
C1
CAP, CER, OPT 2kV 1812
OPT
4
0
C5
CAP, CER, X7U OPT 6.3V 10% 1210
OPT
5
1
C6
CAP, ELEC, 10µF 100V 10% 6.3x7.7
SUNCON 100CE10BS
6
1
C7
CAP, CER, X7R 2.2µF 100V 10% 1210
MURATA GRM32ER72A225KA35
7
1
C10
CAP, CER, X7R 10nF 100V 20% 0603
MURATA GRM188R72A103KA01D
8
1
C11
CAP, CER, X7R 0.047µF 100V 20% 0603
KEMET C0603C473M1RACTU
9
1
C12
CAP, CER, X7R 0.047µF 100V 10% 0805
MURATA GRM21BR72A473KA01L
10
1
C13
CAP, CER, X7R 10µF 10V 10% 1206
MURATA GRM31CR71A106KA01L
11
0
C15, C18, C19, C21
CAP, CER, X5R OPT 2kV 20% 1812
OPT
12
1
C17
CAP, CER, X7R 1µF 25V 10% 0603
MURATA GRM188R71E105KA12
13
1
C20
CAP, CER, X7R 2.2nF 25V 10% 0603
MURATA GRM188R71E222KA01
14
1
C23
CAP, CER, X7R 4.7nF 2kV 1812
MURATA GR443DR73D472KW01L
15
1
C26
CAP, CER, X7R 100pF 16V 0402
AVX, 0402YC101KAT2A
16
0
C27
CAP, CER, X7R OPT 6.3V 10% 0402
OPT
17
1
D1
DIODE, SCHOTTKY, B2100 100V SMB
DIODES INC B2100-13-F
18
1
D2
DIODE, TVS, PTVS58VS1UR 58V SOD123
NXP PTVS58VS1UR
19
1
D3
DIODE, ZENER, MMSZ5252BS 24V SOD323
DIODES INC MMSZ5252BS
20
1
D4
DIODE, LED GREEN
ROHM SML-010FTT86L
21
1
D13
DIODE, SCHOTTKY, NXP, BAT46W 100V SOD323
NXP BAT46WJ,115
22
1
D15
DIODE, DIODE INC, BAV19WS 120V SOD323
DIODE INC BAV19WS
23
1
D16
DIODE, TVS, PTVS58VS1UR 58V SOD123
NXP PTVS58VS1UR
24
1
D17
DIODE, SCHOTTKY, PMEG1020EA 10V SOD323
NXP PMEG1020EA
25
1
D19
DIODE, TVS, PTVS58VS1UR 58V SOD123
NXP PTVS58VS1UR
26
7
E1, E2, E3, E4, E9, E10,
E12
TP, TURRET, PAD150-094 0.094"
MILL-MAX 2501-2-00-80-00-00-07-0
27
1
J1
CONN, INTEGRATED JACK, 7499511001
WURTH 7499511001A
28
1
J2
CONN, RJ45 JACK, SS-6488-NF-K1
STEWART CONNECTOR SS-6488-NF-K1
ALTERNATE SS-6488S-A-NF
29
1
L2
IND, 10µH
COILCRAFT DO1608C-103
30
1
L4
IND, 100µH
COILCRAFT DO1608C-104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com