Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4321
Description  High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 1 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc2475aafb
DEMO MANUAL
DC2475A-A
Description
LT4295, LT4321
High Efficiency IEEE802.3bt (PoE++, Type 3,
40W) PD with PoE Ideal Diode Bridge
Demonstrationcircuit2475A-AisanIEEE802.3bt(Draft2.0)
compliant Power over Ethernet (PoE) powered device (PD).
ItfeaturestheLT®4295PDinterfaceandswitchingregulator
controllerwiththeLT4321PoEidealdiodebridgecontroller.
The LT4295 provides IEEE802.3af (PoE, Type 1),
IEEE802.3at (PoE+, Type 2), and IEEE802.3bt (PoE++,
Type 3 and 4) compliant interfacing and power supply
control. It utilizes an external, low RDS(ON) (57mΩ typi-
cal) N-channel FET for the Hot Swap function to improve
efficiency. The LT4295 controls a DC/DC converter that
utilizes a highly efficient flyback topology with synchro-
nous rectification.
The LT4321 controls eight low RDS(ON) (57mΩ typical)
N-channel FETs to further improve end-to-end power
L
, LT, LTC, LTM, Linear Technology, the Linear logo and LTPoE++ are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
performance summary
BoarD photo
delivery efficiency and ease thermal design. This solution
replaces the eight diodes typically found in a passive PoE
rectifier bridge.
The DC2475A-A accepts up to 40W of delivered power
from a power sourcing equipment (PSE) via the RJ45
connector (J1) or a local 48VDC power supply using the
auxiliary supply input. When both supplies are connected,
the auxiliary supply input has priority over the PoE input.
The DC2475A-A supplies a 12V output at up to 3A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2475A-A
Top Side
PARAMETER
CONDITIONS
VALUE
Port Voltage (VPORT)
At RJ45
37V to 57V
Auxiliary Voltage
From AUX+ to AUX– Terminals
37V to 57V
Output Voltage (VOUT)
12V (Typical)
Output Current (IOUT)
3A (Max)
Output Voltage Ripple
VPORT = 44V, IOUT = 3A
85mVP-P (Typical)
Load Regulation
±0.1% (Typical)
Efficiency
VPORT = 50V, IOUT = 3A, End-to-End
92% (Typical)
Switching Frequency
250kHz (Typical)
Bottom Side


Similar Part No. - LT4321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4321 LINER-LT4321 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LT4321 LINER-LT4321 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
LT4321 LINER-LT4321 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
More results

Similar Description - LT4321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LT4276 LINER-LT4276_15 Datasheet
442Kb / 26P
LTPoE/PoE/PoE PD Forward/Flyback Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Linear Technology
LT4276 LINER-LT4276 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
logo
AAEON Technology
UP-POE-A20-0001 AAEON-UP-POE-A20-0001 Datasheet
520Kb / 1P
PoE Ideal Diode Bridge & PD Forward/Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com