Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2947 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2947 Datasheet HTML 9Page - Linear Technology LTC2947 Datasheet HTML 10Page - Linear Technology LTC2947 Datasheet HTML 11Page - Linear Technology LTC2947 Datasheet HTML 12Page - Linear Technology LTC2947 Datasheet HTML 13Page - Linear Technology LTC2947 Datasheet HTML 14Page - Linear Technology LTC2947 Datasheet HTML 15Page - Linear Technology LTC2947 Datasheet HTML 16Page - Linear Technology LTC2947 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
dc2334af
DEMO MANUAL DC2334A
Continuous, Shutdown and Register Auto Read are two-
state buttons; meaning, they change color if they are
enabled (highlighted, e.g. blue) or disabled (default e.g.
grey). Figure 15, right, shows this in the case of a running
continuousmeasurementandenabledRegisterAutoRead.
Shutdown will put the device into a low-power state. Any
serial transaction to the device will wake it up immediately.
Forthisreason,RegisterAutoReadwillalwaysbedisabled
before issuing the shutdown command to the device. The
GUI will report this as shown in Figure 18.
Most of the GUI controls will take effect immediately once
they are clicked or a value is entered. The only exception
is the Time Base Control. Any changed configuration and
entered value will only take effect after the Write button is
clicked. If Register Auto Read is enabled, the Time Base
Control values won’t be updated as long the user is making
changes to it. Any changed values will be discarded and
replaced by the current device values if the Write button
is not clicked. If Register Auto Read is disabled, a click on
the Read button will get the current values from the device.
By clicking on ARA within the Alert Response Protocol
section, the GUI will send the alert response address to
the I2C bus. All present slave devices that were issuing an
alert will respond with their slave address. If more than
one device is responding, the lowest slave address wins.
Figure 19 shows all responses the GUI may show after
clicking on the ARA button.
DC2334A SOFTWARE USER INTERFACE
Figure 17. Serial Interface and COM Connection Info
Figure 18. Shutdown Notice About Disabling the
Register Auto Read
Figure 19. Possible ARA Responses
configuration and slave address (for I2C only). In the
default setting the GUI will automatically try to determine
all the settings.
Once the connection is established all sub-windows are
enabled and the GUI will be ready to control the device.
The serial interface configuration will be reported in the
Status Bar of the GUI. As an example Figure 17 shows this
for I2C (upper) and SPI (lower) interface configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com