Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2947 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2947 Datasheet HTML 17Page - Linear Technology LTC2947 Datasheet HTML 18Page - Linear Technology LTC2947 Datasheet HTML 19Page - Linear Technology LTC2947 Datasheet HTML 20Page - Linear Technology LTC2947 Datasheet HTML 21Page - Linear Technology LTC2947 Datasheet HTML 22Page - Linear Technology LTC2947 Datasheet HTML 23Page - Linear Technology LTC2947 Datasheet HTML 24Page - Linear Technology LTC2947 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
dc2334af
DEMO MANUAL DC2334A
REGISTER CONTEXT MENU
By clicking on any register header (e.g. STATUS) or right
clicking on any register value (shown underneath the
header), a context menu with the functions is shown:
1. Change cell’s display format
2. Show cell/register details
3. Write cell/register value to device
4. Read cell/register value from device
5. Select all cells
Figure 40. Display Format Selection
Figure 41. Select All Cells
Figure 42. Change Format of All Selected Cells
Figure 39. Cell/Register Context Menu
Format and Details will be explained in the following sec-
tions. The Write and Read command will immediately
write or read the selected cell value to or from the device.
Select All will select all the cells. It is also possible to
select a range of cells or some individual cells by using
Ctrl or Shift key plus the mouse button. The procedure is
the same as for other Windows programs like MS Excel,
for example. The purpose of selecting more than one cell
is to read and write or change the formats of several cells
at once. See also the following section.
DISPLAY FORMAT SELECTION
Eachcell’sdisplayformatmaybesettoeitherHexadecimal,
Decimal, Binary or Physical. The Physical format (in A,
As, W, V, etc.) is only available for cells having a physical
value representation as the measurement, tracking and
threshold values.
The default cell format is Decimal. All cell values may be
changed at once to the physical format, for example. This
is done by first selecting all cells, either using the shift key
plus mouse button or by using the Select All function from
the context menu. Then right click on any of the selected
cells to open the context menu and set the new format.
The binary and hexadecimal formats are indicated by a
0b and 0x suffix. The physical and decimal format can be
distinguished by the tooltip that is shown after the mouse
has rested for a short while over the cell value. This tooltip
will show the corresponding unit if it is a physical value
or the corresponding LSB value for all the other formats.
DC2334A SOFTWARE USER INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com