Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC280 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC280
Description  9-Bit Odd/Even Parity Generator/Checker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC280 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC280 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC280 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC280 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC280 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5121
January 1988
MM54HC280MM74HC280
9-Bit OddEven Parity GeneratorChecker
General Description
The MM54HC280MM74HC280 utilizes advanced silicon-
gate CMOS technology to achieve the high noise immunity
and low power consumption of standard CMOS integrated
circuits It possesses the ability to drive 10 LS-TTL loads
This parity generatorchecker features oddeven outputs to
facilitate operation of either odd or even parity applications
The word length capability is easily expanded by cascading
devices The 54HC74HC logic family is speed function
and pinout compatible with the standard 54LS74LS family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 28 ns
Y
Wide power supply range 2V – 6V
Y
Low quiescent current 80 mA maximum (74HC)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF5121 – 1
Order Number MM54HC280 or MM74HC280
Function Table
Numbers of Inputs A
Outputs
thru 1 that are High
R Even
R Odd
0 2 4 6 8
H
L
1 3 5 7 9
L
H
H e high level Le low level
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC283 NSC-MM74HC283 Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
MM74HC283J NSC-MM74HC283J Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
MM74HC283N NSC-MM74HC283N Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
More results

Similar Description - MM74HC280

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
9-bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com