Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBO40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # RBO40
Description  REVERSED BATTERY AND OVERVOLTAGE PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO40 Datasheet(HTML) 2 Page - STMicroelectronics

  RBO40 Datasheet HTML 1Page - STMicroelectronics RBO40 Datasheet HTML 2Page - STMicroelectronics RBO40 Datasheet HTML 3Page - STMicroelectronics RBO40 Datasheet HTML 4Page - STMicroelectronics RBO40 Datasheet HTML 5Page - STMicroelectronics RBO40 Datasheet HTML 6Page - STMicroelectronics RBO40 Datasheet HTML 7Page - STMicroelectronics RBO40 Datasheet HTML 8Page - STMicroelectronics RBO40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RBO40-40G / RBO40-40T
2/10
Symbol
Parameter
Value
Unit
IFSM
Non repetitive surge peak forward current
(Diode D1)
tp=10ms
120
A
IF
DC forward current (Diode D1)
Tc = 75°C
40
A
VPP
Peak load dump voltage (see note 1and 2)
5 pulses (1 minute between each pulse)
80
V
PPP
Peak pulse power between Input and Output
(Transil T1)
Tj initial = 25°C
10/1000 µs
1500
W
Tstg
Tj
Storage temperature range
Maximum junction temperature
-40to + 150
150
°C
TL
Maximum lead temperature for soldering during 10 s
at 4.5mm from case for TO220-AB
260
°C
Note 1 : for a surge greater than the maximum value, the device will fail in short-circuit.
Note 2 : see Load Dump curves.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
RBO40-40G
RBO40-40T
1.0
1.0
°C/W
Rth (j-a)
Junction to ambient
RBO40-40T
60
°C/W
THERMAL RESISTANCE
D1
T1
2
3
1
VCL 31
VRM 31
VF13
V13
I13
IRM 31
IR 31
Ipp31
VBR 31
T2
IF
Ipp32
VRM 32 VBR 32 VCL 32
3
2
1
V32
I32
IR32
IRM 32
Ex :VF 13 . between Pin 1 and Pin 3 VBR 32 . between Pin 3 and Pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com