Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBO40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RBO40
Description  REVERSED BATTERY AND OVERVOLTAGE PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO40 Datasheet(HTML) 3 Page - STMicroelectronics

  RBO40 Datasheet HTML 1Page - STMicroelectronics RBO40 Datasheet HTML 2Page - STMicroelectronics RBO40 Datasheet HTML 3Page - STMicroelectronics RBO40 Datasheet HTML 4Page - STMicroelectronics RBO40 Datasheet HTML 5Page - STMicroelectronics RBO40 Datasheet HTML 6Page - STMicroelectronics RBO40 Datasheet HTML 7Page - STMicroelectronics RBO40 Datasheet HTML 8Page - STMicroelectronics RBO40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RBO40-40G / RBO40-40T
3/10
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
VF13
IF =40A
1.9
V
VF13
IF = 20A
1.45
V
VF13
IF =1A
1V
VF13
IF = 100 mA
0.95
V
C13
F = 1MHz VR=0V
3000
pF
ELECTRICAL CHARACTERISTICS : DIODE D1 (- 40°C < Tamb < + 85°C)
Symbol
Parameter
VRM31/VRM32
Stand-off voltage Transil T1 / Transil T2.
VBR31/VBR32
Breakdown voltage Transil T1 / Transil T2.
IR31/IR32
Leakage current Transil T1 / Transil T2.
VCL31/VCL32
Clamping voltage Transil T1 / Transil T2.
VF13
Forward voltage drop Diode D1.
IPP
Peak pulse current.
αT
Temperature coefficient of VBR.
C31/C32
Capacitance Transil T1 / Transil T2.
C13
Capacitance of Diode D1
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
VBR 31
IR =1mA
22
35
V
VBR 31
IR = 1 mA, Tamb = 25°C
24
32
V
IRM 31
VRM =20V
100
µA
IRM 31
VRM =20V,Tamb = 25°C
10
µA
VCL 31
IPP = 37.5A, Tj initial = 25°C
10/1000µs
40
V
α T
Temperature coefficient of VBR
910
-4/°C
C 31
F = 1MHz
VR =0 V
3000
pF
ELECTRICAL CHARACTERISTICS : TRANSIL T1 (- 40°C < Tamb < + 85°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
VBR 32
IR =1mA
22
35
V
VBR 32
IR = 1 mA, Tamb = 25°C
24
32
V
IRM 32
VRM =20V
100
µA
IRM 32
VRM =20V,Tamb = 25°C
10
µA
VCL 32
IPP = 20 A (note 1)
40
V
α T
Temperature coefficient of VBR
910
-4/°C
C32
F = 1MHz
VR =0V
8000
pF
Note 1 : One pulse, see pulse definition in load dump test generator circuit.
ELECTRICAL CHARACTERISTICS : TRANSIL T2 (- 40°C < Tamb < + 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com