Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3312
Description  2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3312 Datasheet HTML 5Page - Monolithic Power Systems MP3312 Datasheet HTML 6Page - Monolithic Power Systems MP3312 Datasheet HTML 7Page - Monolithic Power Systems MP3312 Datasheet HTML 8Page - Monolithic Power Systems MP3312 Datasheet HTML 9Page - Monolithic Power Systems MP3312 Datasheet HTML 10Page - Monolithic Power Systems MP3312 Datasheet HTML 11Page - Monolithic Power Systems MP3312 Datasheet HTML 12Page - Monolithic Power Systems MP3312 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP3312 - 2.7V-5.5V INPUT, 38V OVP, DUAL-CHANNEL WHITE LED DRIVER
MP3312 Rev. 1.02
www.MonolithicPower.com
9
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP3312 employs the fixed switching
frequency,
peak
current
mode
control
architecture and 2 regulated current sinks to
power the LED array. The operation of the
MP3312 can be understood by referring to the
below function block diagram.
System Startup
Either pulling EN or PWM to high enables the
IC operation while pulling EN to GND
for >2.5ms or pulling PWM to GND for >20ms
shuts down the IC.
When enabled, the MP3312 checks the
topology connection first. The MP3312 also
checks other safety limits, including UVLO and
over-temperature protection (OTP). If all the
protections pass, the chip then starts boosting
the step-up converter with an internal soft-start.
It is recommended that the enable signal occurs
after the establishment of the input voltage and
PWM dimming signal during the start-up
sequence to avoid large inrush current.
Switching Operation
At the start of each oscillator cycle the main low
side FET (M1) is turned on through the control
circuitry. To prevent sub-harmonic oscillation at
duty cycle greater than 50 percent, a stabilizing
ramp is added to the output of the current
sense amplifier and the result is fed into the
positive
input
of
the
PWM
generation
comparator. When this voltage equals the
output voltage of the error amplifier the main
power FET is turned off. Then the inductor
current flows through the free-wheeling diode,
which forces the inductor current to decrease.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter automatically chooses the lowest
active LEDX pin voltage to provide a high-
enough bus voltage to power all the LED arrays.
If the feedback voltage drops below the
reference, the output of the error amplifier
increases. It results in more current flowing
through the MOSFET, thus increasing the
power delivered to the output. This forms a
closed loop that regulates the output voltage.
Dimming Control
MP3312 supports analog dimming and 1-wire
digital set dimming mode to regulate the WLED
current.
To do analog dimming, apply a PWM signal to
PWM pin by adjusting the LED current
amplitude. The internal filter is integrated and
the PWM signal with 5k~100kHz range is
supported.
Internal
dimming
signal
duty
detection circuit automatically changes the
internal reference lineally to regulate the current.
In addition, the EN pin supports 1-wire interface
to do current dimming control. The 1-wire
description and protocol details are as follow.
1-wire Interface
1-wire interface is based on master-slave
structure which is designed for digital dimming.
The EN pin is multipurpose as single port to
receive LED brightness data. The rate to detect
the
bit
can
automatically
range
from
1.39kBit/sec to 50kBit/sec.
The command sent to chip (slave) contains 24
bits, 9-bit dimming data, 8-bit device address
and RFA bit are included. Chip detects the bit in
series and it transmits the LSB first and MSB
finally.
The control bits description is as below and
Figure 2 shows the command bytes structure in
detail.
• D0-D8 are the dimming data bits which
achieve 9-bit dimming resolution
• Bit9 and bit11-bit15 is reserved. Set to 0
• RFA bit indicates master needs Request of
Acknowledge or not.
• Device address byte is DA0-DA7. The
device address byte is set to 0x8F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com