Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3312
Description  2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3312 Datasheet HTML 7Page - Monolithic Power Systems MP3312 Datasheet HTML 8Page - Monolithic Power Systems MP3312 Datasheet HTML 9Page - Monolithic Power Systems MP3312 Datasheet HTML 10Page - Monolithic Power Systems MP3312 Datasheet HTML 11Page - Monolithic Power Systems MP3312 Datasheet HTML 12Page - Monolithic Power Systems MP3312 Datasheet HTML 13Page - Monolithic Power Systems MP3312 Datasheet HTML 14Page - Monolithic Power Systems MP3312 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP3312 - 2.7V-5.5V INPUT, 38V OVP, DUAL-CHANNEL WHITE LED DRIVER
MP3312 Rev. 1.02
www.MonolithicPower.com
12
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Cycle-by-Cycle Current Limit Protection
MP3312 provides cycle-by-cycle current limit
protection to avoid any damage due to too large
current rating. During startup, the current limit is
clamped to 1A for around 6ms to avoid output
overshoot and inrush current. After that, the
current limit returns back to normal 1.8A.
Open String Protection
Open string protection is achieved by detecting
the VOUT pin. If the LED string is open, the
feedback voltage is lower than the reference
voltage, thus the COMP rises up and keeps
charge the output capacitor until VOUT pin hits
the protection point VOVP. Then the IC stops
switching and shuts down till VIN and EN is reset
for enable again.
Unused LED Channel
In some cases, if one LED current channel is not
used, connect the corresponding LEDx to GND
to remove it from the control loop.
Short String Protection
The MP3312 monitors the LEDX pin voltage to
judge if the short string occurs. If one string is
short, the respective LEDX pin will be pulled up
to the boost output and tolerate high voltage
stress. If the LEDX pin voltage is higher than 5 V
and LED current is larger than 8% full-scale
setting current, the short string condition is
detected and if such condition lasts longer than
8ms, the fault string current source is disabled till
VIN and EN is reset for enable again.
Thermal Shutdown Protection
To prevent the IC operate at exceedingly high
temperature, thermal shutdown is implemented in
this chip by detecting the silicon die temperature.
When the die temperature exceeds the upper
threshold 150℃, the IC shutdowns and recovers
to normal operation when die temperature drops
below lower threshold. Typically, the hysteresis
value is 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com