Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3378
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3378 Datasheet HTML 11Page - Monolithic Power Systems MP3378 Datasheet HTML 12Page - Monolithic Power Systems MP3378 Datasheet HTML 13Page - Monolithic Power Systems MP3378 Datasheet HTML 14Page - Monolithic Power Systems MP3378 Datasheet HTML 15Page - Monolithic Power Systems MP3378 Datasheet HTML 16Page - Monolithic Power Systems MP3378 Datasheet HTML 17Page - Monolithic Power Systems MP3378 Datasheet HTML 18Page - Monolithic Power Systems MP3378 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
15
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Buck Converter Section:
The step-down, switch-mode converter has built
in internal power MOSFETs and offers a very
compact
solution.
It
operates
in
a
fixed
frequency,
peak-current-control
mode
to
regulate the output voltage. A PWM cycle is
initiated by the internal clock. The integrated
high-side power MOSFET is turned on and
remains on until its current reaches the value
set
by
the
COMP_BUCK
voltage.
(COMP_BUCK
is one of the buck’s internal
control voltages; it is not the COMP pin.) When
the power switch is off, it remains off until the
next clock cycle starts. If the current in the
power
MOSFET
does
not
reach
the
COMP_BUCK set current value within 95
percent
of
one
PWM
period,
the
power
MOSFET is forced off.
Internal Regulator
Most of the internal circuitries are powered from
the 5 V internal regulator. This regulator takes
the VIN2 input and operates in the full VIN2
range. When VIN2 is greater than 5.0 V, the
output of the regulator is in full regulation. When
VIN2 is lower than 5.0 V, the output decreases;
a 0.1 uF ceramic capacitor for decoupling is
required.
Error Amplifier
The error amplifier compares the FB voltage
with the internal 0.8 V reference (REF) and
outputs a COMP_BUCK voltage, which is used
to control the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
AAM Operation
MP3378
has
advanced
asynchronous
modulation (AAM) power-save mode for light
load. Connect a resistor from AAM to GND to
set the AAM voltage. Under a heavy-load
condition, the VCOMP_BUCK is higher than VAAM.
When the clock goes high, the high-side power
MOSFET turns on and remains on until VILsense
reaches the value set by the COMP_BUCK
voltage. The internal clock re-sets every time
VCOMP_BUCK is higher than VAAM.
Under a light-load condition, the value of
VCOMP_BUCK is low. When VCOMP_BUCK is less than
VAAM and VFB is less than VREF, VCOMP_BUCK
ramps up until it exceeds VAAM. During this time,
the internal clock is blocked. This causes the
device to skip pulses for pulse frequency
modulation (PFM) mode, achieving the light-
load power save (see Figure 2).
S
R
Q
HS_driver
CLOCK
VAAM
VCOMP_BUCK
VIL_SENSE
1.1 pF
50 pF 400 K
RT
VREF
R1
R2
VOUT2
Figure 2
—Simplified AAM control logic
SYNC Control
The buck
converter
can
be synchronized
through SYNC to an external clock range from
250 kHz to 2 MHz. The internal clock
’s rising
edge is synchronized to the external clock
’s
falling
edge. The synchronized logic
high
voltage should be higher than 1.8 V. The
synchronized logic low voltage should be lower
than 0.6 V. The frequency of the external clock
should be higher than the frequency of the
internal clock. Otherwise the internal clock may
pulse high and turn on the high-side MOSFET
again.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the
buck converter from operating at an insufficient
supply voltage by monitoring the output voltage
of the internal regulator (VCC2). The UVLO
rising threshold is about 3.9 V while its falling
threshold is a consistent 3.25 V.
Internal Soft Start (SS)
Soft
start
is implemented to prevent the
converter output voltage from overshooting
during start up. When the chip starts up, the
internal circuitry generates a soft-start voltage
(SS) ramping up from 0 V. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the reference voltage of 0.8 V. At this
point, the reference voltage takes over. The
soft-start time is set internally at around 1.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com