Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3378
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3378 Datasheet HTML 14Page - Monolithic Power Systems MP3378 Datasheet HTML 15Page - Monolithic Power Systems MP3378 Datasheet HTML 16Page - Monolithic Power Systems MP3378 Datasheet HTML 17Page - Monolithic Power Systems MP3378 Datasheet HTML 18Page - Monolithic Power Systems MP3378 Datasheet HTML 19Page - Monolithic Power Systems MP3378 Datasheet HTML 20Page - Monolithic Power Systems MP3378 Datasheet HTML 21Page - Monolithic Power Systems MP3378 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
18
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Power MOSFET
The critical parameters for the selection of a
MOSFET are as follows:
1. Maximum drain-to-source voltage, VDS(MAX)
2. Maximum current, ID(MAX)
3. On-resistance, RDS(ON)
4. Gate-source charge (QGS) and gate-drain
charge (QGD)
5. Total gate charge, QG
Ideally, the off-state voltage across the MOSFET
is equal to the output voltage. Considering the
voltage spike when it turns off, VDS(MAX) should be
greater than 1.5 times the output voltage.
The
maximum
current
through
the
power
MOSFET occurs at the minimum input voltage
and the maximum output power. The maximum
RMS current through the MOSFET is given by
Equation (5):
RMS(MAX)
IN1(MAX)
MAX
I
I
D

, where:
OUT1
IN1(MIN)
MAX
OUT1
VV
D
V
(5)
The current rating of the MOSFET should be
greater than 1.5 x IRMS.
The on resistance of the MOSFET determines
the conduction loss, which is given by Equation
(6):
k
R
I
P
(on)
DS
2
RMS
cond
(6)
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1,
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate (see the chart of VGS vs. QG of the MOSFET
datasheet). QGD is the charge during the plateau
voltage. These two parameters are needed to
estimate
turn-on
and
turn-off
losses.
See
Equation (7):
SW1
IN1
DS
PLT
DR
GD
SW1
IN1
DS
TH
DR
G
GS1
I
V
V
V
R
Q
I
V
V
V
R
Q
f
f
P
G
SW
(7)
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, and
VDS is the drain-source voltage. Please note that
calculating the switching loss is the most difficult
part in the loss estimation. Equation (7) provides
a
simplified
equation.
For
more
accurate
estimates, the equation becomes much more
complex.The total gate charge (QG) is used to
calculate the gate drive loss. See Equation (8)
DR
G
DR
SW1
P
Q
V
f
(8)
Where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
4.7
μF ceramic capacitor in parallel with a 22 μF
electrolytic capacitor will suffice.
Setting the Over-Voltage Protection
Open-string protection detects the voltage on
OVP. In some cases, an LED string failure
results in the feedback voltage equaling zero.
The part then keeps boosting the output voltage
higher and higher. If the output voltage reaches
the programmed OVP threshold, the protection is
triggered.
To ensure the chip functions properly, select
resistor values for the OVP resistor divider to
provide
an
appropriate
set
voltage.
The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation. See Equation (9):
HIGH
OVP
LOW
R
V
1.23
(1
)
R
(9)
Selecting Dimming Control Mode
Two different dimming methods are provided:
1. Direct PWM Dimming
An external PWM dimming signal is employed to
achieve PWM dimming control. Apply a PWM
dimming signal (in the range of 100 Hz to 20 kHz)
to PWM. The minimum recommended amplitude
of the PWM signal is 1.5 V, and the low-level
amplitude should be less than 0.4 V (see Table
1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com