Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5017 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5017
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5017 Datasheet HTML 8Page - Monolithic Power Systems MP5017 Datasheet HTML 9Page - Monolithic Power Systems MP5017 Datasheet HTML 10Page - Monolithic Power Systems MP5017 Datasheet HTML 11Page - Monolithic Power Systems MP5017 Datasheet HTML 12Page - Monolithic Power Systems MP5017 Datasheet HTML 13Page - Monolithic Power Systems MP5017 Datasheet HTML 14Page - Monolithic Power Systems MP5017 Datasheet HTML 15Page - Monolithic Power Systems MP5017 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP5017 – 3V-5.5V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5017 Rev.1.0
www.MonolithicPower.com
12
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP5017 is designed to limit the inrush
current to the load when a circuit card is
inserted into a live backplane power source.
This limits the backplane’s voltage drop, as well
as the DV/DT of the voltage to the load. It offers
an integrated solution that monitors the input
voltage, output voltage, output current, and die
temperature, eliminating the need for an
external current sense power resistor, power
MOSFET, and thermal sense device.
Under-Voltage Lockout (UVLO)
The nominal input supply voltage is 5V, but high
energy transients can occur during normal
operation or hot swaps. These transients
depend on the parasitic inductance, resistance
of the wire, and the capacitor at VCC. If the
power clamp (TVS, Tranzorb) is not used, the
E-Fuse must be able to withstand this transient
voltage. The MP5017 uses a high-voltage
MOSFET of up to 16V and a high-voltage circuit
on VCC to guarantee safe operation.
SAS/OV Control
SAS/OV can control the part during start-up and
shutdown. Floating or pulling SAS/OV low
enables the part; pulling it high disables the part.
It also can be used as an input OVP control.
The input OVP limit can be set by a divider from
VCC to SAS/OV (see Figure 2). When the
SAS/OV voltage exceeds 1.25V, the part shuts
down. When the voltage drops below 1.21V or
SAS/OV is floated, the part is enabled again.
Figure 2: Adjustable Input OVP
Soft Start (SS)
The rise time is a function of the capacitor
(CDV/DT). The approximate value can be
calculated with Equation (1):
()
SS
DV / DT
1V C
nF
t(ms)
6.5 A
×
=
μ
(1)
Where tDV/DT is the soft-start time.
For example, a 47nF capacitor generates a
soft-start time of approximately 7.2ms.
Fast Output Over-Voltage Protection (OVP)
The MP5017 uses an output OVP function to
protect the downstream loading when there is a
voltage surge at the input. An accurate and fast
comparator monitors the over-voltage condition
on the output. If the output voltage rises above
the threshold (typically 5.8V), the gate of the
internal MOSFET is pulled down quickly and is
regulated to a specific value to keep the output
voltage clamped at 5.8V. The rapid loop
response speed (typically 10µs) keeps the over-
voltage overshoot small.
Current Limit
The MP5017 provides a constant current limit,
which can be programmed by an external
resistor. Once the current limit threshold is
reached, the internal circuit regulates the gate
voltage to hold the current in the power FET. To
limit the current, the gate-to-source voltage
needs to be regulated from 5V to around 1V.
The typical response time is about 10µs. During
this period, the output current may have a small
overshoot.
The desired current limit is a function of the
external current limit resistor.
Reverse Current Blocking
The MP5017 uses a pair of back-to-back N-
channel
MOSFETs
for
reverse
current
protection. Once the reverse current limit
threshold (-50mA) is reached and exceeds the
80µs deglitch time, the internal circuit pulls the
gate voltage down to shut down the MOSFETs.
If the reverse current reaches the -1A threshold,
the part shuts the MOSFETs down immediately
to prevent VOUT from being pulled down.
Fault does not change its state during the
reverse current limit. The reverse current is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com