Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5017 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5017
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5017 Datasheet HTML 9Page - Monolithic Power Systems MP5017 Datasheet HTML 10Page - Monolithic Power Systems MP5017 Datasheet HTML 11Page - Monolithic Power Systems MP5017 Datasheet HTML 12Page - Monolithic Power Systems MP5017 Datasheet HTML 13Page - Monolithic Power Systems MP5017 Datasheet HTML 14Page - Monolithic Power Systems MP5017 Datasheet HTML 15Page - Monolithic Power Systems MP5017 Datasheet HTML 16Page - Monolithic Power Systems MP5017 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP5017 – 3V-5.5V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5017 Rev.1.0
www.MonolithicPower.com
13
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
blocked, and this state continues until VCC >
VOUT-2mV. When VCC > VOUT-2mV, the part
restarts. If the input voltage drops below the
UVLO threshold, the back-to-back MOSFETs
are turned off, eliminating any reverse current.
Fault
Fault is an open-drain configuration. If any over
current is detected, Fault reports a fail mode
(low level) after a 5ms deglitch timeout. There is
a 10µs deglitch timeout when the output over
voltage is triggered. This ensures that no false
fault signals are reported. The internal deglitch
circuit
eliminates
the
need
for
external
components.
Fault does not deglitch during an
over-temperature condition (see Table 1).
Table 1: Fault Function Truth Table
Description
Fault
E-Fuse State
Latch
Output Discharge
Under-voltage lockout
High
Off
No
No
EN low
High
Off
No
Yes
SAS/OV high
High
Off
No
Yes
VOUT OVP clamp
Low
(10μs deglitch time)
High Z
No
No
Thermal shutdown
Low
Off
No
No
Current limit
Low
(5ms deglitch time)
High Z
No
No
Fast current limit
Low
Off
No
No
Reverse current protection
High
Off
No
No
SAS/OV floating
High
On
No
No
SAS/OV low
High
On
No
No
Short-Circuit Protection
If the load current increases too rapidly due to a
short-circuit event, the current may exceed the
current limit threshold before the control loop is
able to respond. If the current reaches 7.5A, a
secondary current limit level from a fast turn-off
circuit is activated. The power FET turns off
with a 100mA pull-down gate discharge current.
This helps limit the peak current through the
switch, keeping the input voltage from dropping
excessively. After the FET is switched off, the
part restarts. If the short remains during the
restart process, the MP5017 regulates the gate
voltage to hold the current at a normal current
limit level.
Output Discharge
The MP5017 uses a discharge function to
provide a resistive discharge path for the
external output capacitor. The function is active
when the part is disabled (EN low or SAS high).
and is done in a very limited amount of time.
EN Control
EN enables the part when it is high and
disables the part when it is low. Floating EN
automatically starts the part up because an
internal current source pulls EN up to the
internal supply. The maximum internal pull-up
voltage source is about 5V.
Thermal Shutdown (OTP Auto-Retry)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 175°C, the entire chip shuts down and
Fault
reports
a
fail
mode.
When
the
temperature drops below its lower threshold,
typically 125°C, the chip is enable again after a
76ms delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com