Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5022C Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5022C Datasheet HTML 8Page - Monolithic Power Systems MP5022C Datasheet HTML 9Page - Monolithic Power Systems MP5022C Datasheet HTML 10Page - Monolithic Power Systems MP5022C Datasheet HTML 11Page - Monolithic Power Systems MP5022C Datasheet HTML 12Page - Monolithic Power Systems MP5022C Datasheet HTML 13Page - Monolithic Power Systems MP5022C Datasheet HTML 14Page - Monolithic Power Systems MP5022C Datasheet HTML 15Page - Monolithic Power Systems MP5022C Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP5022C – 12V, 3
m
Ω RDS
(
ON), HOT-SWAP PROTECTION DEVICE
MP5022C Rev. 1.0
www.MonolithicPower.com
12
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP5022C is designed to limit the inrush
current to the load when a circuit card is inserted
into a live backplane power source, limiting the
backplane’s voltage drop and the dV/dt of the
voltage to the load. The MP5022C provides an
integrated solution for
monitoring
the input
voltage, output voltage, output current, and die
temperature to eliminate the need for an external
current sense power resistor, power MOSFET,
and thermal sense device.
Current Limit
The MP5022C provides a constant current limit
that can be programmed by an external resistor.
Once
the
device
reaches
its
current
limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power FET
constant. To limit the current, the gate-to-source
voltage must be regulated from 4V to around 1V.
The typical response time is about 20µs. The
output current may have a small overshoot
during this time period.
When the current limit is triggered, the fault timer
starts. If the output current falls below the current
limit threshold before the end of the fault timeout
period, the MP5022C resumes normal operation.
Otherwise, if the current-limit duration exceeds
the fault timeout period, the power FET is latched
off.
When the device reaches either its current limit
or over-temperature threshold, FLTB is driven
low with an 8
μs propagation delay to indicate a
fault.
The
desired
current
limit
at
normal
operation is a function of the external current-limit
resistor.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the current-
limit threshold before the control loop can
respond. If the current reaches a 36A secondary
current-limit level, a fast turn-off circuit activates
to turn off the power FET using a 100mA pull-
down gate discharge current (see Figure 2). This
limits the peak current through the switch to limit
the input voltage drop. The total short-circuit
response time is about 200ns.
When short-circuit protection is triggered, the
chip restarts to determine whether the overload
condition exists or not. If the short-circuit has
been induced by the input line transient, the part
works normally. If a real short circuit occurs, the
part latches off completely (see Figure 2 and
Figure 3).
FLTB switches low once it reaches a 36A current
limit and asserts low until the short circuit is
removed.
Fault Timer and Restart
When the current reaches its limit threshold, a
215µA fault timer current source charges the
external capacitor (CT) at TIMER. If the current
limit state ceases before TIMER reaches 1.24V,
the MP5022C resumes normal operation mode
and releases TIMER immediately when the
current limit is removed. If the current limit state
lasts after the TIMER voltage reaches 1.24V, the
power FET switches off. The capacitance of CT
can be determined with Equation (1):
1.24
t
215
C
fault
T
⋅
=
(1)
Where CT is the fault timer capacitance (nF), and
tfault is the fault timer (ms). For example, a 100nF
capacitor yields a fault timer of 0.58ms.
This fault timer capacitor also determines the
insertion delay timer during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com