Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5022C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5022C Datasheet HTML 9Page - Monolithic Power Systems MP5022C Datasheet HTML 10Page - Monolithic Power Systems MP5022C Datasheet HTML 11Page - Monolithic Power Systems MP5022C Datasheet HTML 12Page - Monolithic Power Systems MP5022C Datasheet HTML 13Page - Monolithic Power Systems MP5022C Datasheet HTML 14Page - Monolithic Power Systems MP5022C Datasheet HTML 15Page - Monolithic Power Systems MP5022C Datasheet HTML 16Page - Monolithic Power Systems MP5022C Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP5022C – 12V, 3
m
Ω RDS
(
ON), HOT-SWAP PROTECTION DEVICE
MP5022C Rev. 1.0
www.MonolithicPower.com
13
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Vout
Iout
t
Current limit
t1
TIMER
Fault timeout period
VGS
1.24V
TCL
0
0
0
0
Overload
215µA
Soft Start
Latch off here
Current limit exit
Output short circuit
36A
TSC
~0.2µs
Fast pulldown
4V
FLTB
Trips absolute
current protection
0
8µs
EN
0
43µA
Insertion delay time
EN restart
Controlled Ron
mode
Fault timeout period
1.24V
215µA
Current limit
Latch off here if short
circuit exists
Figure 2: Over-Current Protection
t
TIMER
Fault timeout period
0
0
0
0
36A
TSC
~0.2µs
Fast
pulldown
FLTB
Trips absolute
current protection
0
0
Vin line transient
Vout
Iout
VGS
Vin
Figure 3: VIN Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com