Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5083GG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5083GG
Description  5.5V, 2A Low RDSON Load Switch with Current Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5083GG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5083GG Datasheet HTML 1Page - Monolithic Power Systems MP5083GG Datasheet HTML 2Page - Monolithic Power Systems MP5083GG Datasheet HTML 3Page - Monolithic Power Systems MP5083GG Datasheet HTML 4Page - Monolithic Power Systems MP5083GG Datasheet HTML 5Page - Monolithic Power Systems MP5083GG Datasheet HTML 6Page - Monolithic Power Systems MP5083GG Datasheet HTML 7Page - Monolithic Power Systems MP5083GG Datasheet HTML 8Page - Monolithic Power Systems MP5083GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP5083
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5083 Rev. 1.1
www.MonolithicPower.com
4
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VCC = 3.6V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input and Supply Voltage Range
Input Voltage
VIN
0.5
5.5
V
Supply Voltage
VCC
3
5.5
V
Supply Current
Off State Leakage Current
IOFF
VIN=5V, EN=0
1
µA
VCC Standby Current
ISTBY
VCC=5V, EN=0
0.1
1
µA
VCC=5V, Enable, No load
180
230
Power FET
ON Resistance
RDSON
VCC=5.0V
50
m
Ω
VCC=3.3V
60
Thermal Shutdown and Recovery(5)
Shutdown Temperature
TSTD
150
°C
Hysteresis
THYS
30
°C
Under Voltage Protection
VCC Under Voltage Lockout
Threshold
VCC_UVLO
UVLO Rising Threshold
2.6
2.8
V
UVLO Hysteresis
VUVLOHYS
200
mV
Soft Start
SS pull-up current
ISS
Fixed slew rate
11
µA
Enable
EN Rising Threshold
VENH
1.3
1.5
1.7
V
EN Hysteresis
VEN_HYS
200
mV
IMON
Current Limit
IOUT
RIMON=23.8k
Ω.Ramp lOUT
record peak current limit
value
1.3
1.4
1.5
A
Current Monitor Accuracy
VIN=3.6V
IOUT=2A
58.78
60.6
62.42
µA
IOUT=1A
29.39
30.3
31.21
IOUT=0.6A(6)
17.45
18.18
18.91
VIN=1V
IOUT=2A
53.17
57.8
62.42
IOUT=1A
26.58
28.9
31.2
IOUT=0.6A(6)
15.77
17.34
18.9
Discharge Resistance
Discharge Resistance
RDIS
200
Ω
PG
Power Good Rising Threshold
VPG_R
Voltage gap between VOUT
and VIN
140
280
450
mV
Power Good Hysteresis
VPG_VHYS
60
mV
Power Good Delay
TPG_D
50
µs
Power Good High
VPG_H
VCC=3.3V
3.2
V
Power Good Low
VPG_L
Sink 1mA
0.3
V
Notes:
5) Guarantee by design.
6) If load current is smaller than 0.6A, the IMON accuracy will be affected by some internal offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com