Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5083GG Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5083GG
Description  5.5V, 2A Low RDSON Load Switch with Current Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5083GG Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5083GG Datasheet HTML 6Page - Monolithic Power Systems MP5083GG Datasheet HTML 7Page - Monolithic Power Systems MP5083GG Datasheet HTML 8Page - Monolithic Power Systems MP5083GG Datasheet HTML 9Page - Monolithic Power Systems MP5083GG Datasheet HTML 10Page - Monolithic Power Systems MP5083GG Datasheet HTML 11Page - Monolithic Power Systems MP5083GG Datasheet HTML 12Page - Monolithic Power Systems MP5083GG Datasheet HTML 13Page - Monolithic Power Systems MP5083GG Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP5083
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5083 Rev. 1.1
www.MonolithicPower.com
10
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
VOUT
SS
GND
VCC
EN
IMON
VIN
11μA
Control Logic
Change
Pump
Current
Sense
UVLO
PG
VCC
Current Limit Amp
4μA
Fast Off Comp
1V
Soft Start
VCC
4μA
8μA
80k
Thermal
Sense
VOUT
VIN
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com