Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-120UC/21AU Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # PLC-RSP-120UC/21AU
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-120UC/21AU Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button PLC-RSP-120UC/21AU Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 12Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 13Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PLC Accessories
Description
Type
Order No.
Pcs./ Pkt.
Input terminal block, for
the input of up to four potentials,
for mounting on
3
Technical data
Connection cross section:
solid 0.2-4 mm2
stranded 0.2-4 mm2
AWG 24-10
Max. current
32 A
Max voltage
250 V AC 1)
Terminal block dim.:
same shape as
PLC standard series,
terminal block width 9 mm
Color
gray
PLC-ESK GY
29 66 50 8
5
1) For voltages higher than 250 V
(L1, L2, L3) between identical
terminal blocks of adjacent modules,
the PLC-ATP separating plate should
be installed
Cont. plug-in bridge,
500 mm long, insulated,
red
can be cut to any length, for
blue
power distribution with PLC...
gray
Imax: 32 A
FBST 500-PLC RD
29 66 78 6
20
FBST 500-PLC BU
29 66 69 2
20
FBST 500-PLC GY
29 66 83 8
20
Plug-in bridge, 2-pos.,
6 mm long, insulated, for
red
power distribution with PLC
blue
gray
Imax: 6 A
FBST 6-PLC RD
29 66 23 6
50
FBST 6-PLC BU
29 66 81 2
50
FBST 6-PLC GY
29 66 82 5
50
Separating plate, 2 mm thick, should be installed
at the start and end of a PLC terminal strip.
Furthermore, it is used for:
– visual separation of groups,
– protective separation of different
voltages of neighboring
PLC interfaces in acc. with DIN VDE 0106-101,
– separation of neighboring bridges
with different potentials,
– separation of PLC interfaces with
voltages > 250 V
Color: black
PLC-ATP BK
29 66 84 1
25
Headquarters: © Phoenix Contact GmbH & Co. KG • Flachsmarktstraße 8-28 • 32825 Blomberg • Germany
Phone +49-(0) 52 35-3-00 • Fax +49-(0) 52 35-3-4 12 00 • http://www.phoenixcontact.com
PHOENIX CONTACT page 13 of 14
Input terminal block PLC-ESK
The 9 mm wide input terminal block PLC-ESK is the
same shape as the PLC interface terminal blocks. It is
used to feed in bridging potentials. Its nominal current is
32 A! When currents are
≤ 6 A, they can be fed in
directly at the connecting terminal blocks of one of the
connected PLC interfaces.
Plug-in bridges FBST
The differently colored, insulated plug-in bridges
FBST make optimum use of the advantages of PLC
interfaces. The 2-position single plug-in bridges FBST 6
are especially suited for bridging a smaller number of
modules and residual currents
≤ 6 A. When a circuit is
supplied from both sides, they offer the advantage that
the circuit can be opened at any point, allowing all the
other modules to continue to be supplied at the same
time.
The 500 mm continuous plug-in bridge FBST 500 is
even more convenient. All bridges are equipped with a
groove which allows them to be removed with a
screwdriver.
If bridges with different potentials meet in neighboring
functional blocks, the separating plate PLC-ATP should
be placed between them.
Separating plate PLC-ATP
The PLC-ATP separating plate must always be
installed at the beginning and end of a terminal strip.
In addition to pure visual separation of functional
blocks, it is also necessary in certain cases to place the
separating plate between adjacent PLC interface
terminal blocks, e.g. when 3 phases (L1, L2, L3) are
used on the contact side of the PLC relay terminal
blocks.
PLC-ATP is equipped with prescored break-out points
at the bridging positions, so that individual bridges can
pass through if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com