Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-120UC/21AU Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # PLC-RSP-120UC/21AU
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-120UC/21AU Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button PLC-RSP-120UC/21AU Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 12Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 13Page - PHOENIX CONTACT PLC-RSP-120UC/21AU Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Description
Type
Order No.
Pcs./ Pkt.
Zack strip, unprinted: 10-section,
for individual labelling with marker pen
or CMS system, sufficient
for labelling 100 PLC interface terminal blocks
as above, however, large batch,
sufficient for labelling
1000 PLC interface terminal blocks
ZB 6: UNPRINTED
10 51 00 3
10
ZB 6/WH-100: UNPRINTED
50 60 93 5
100
Zack strip, printed horizontally: 2)
10-section with consecutive numbers
1-10
11-20
etc. to
991-1000
ZB 6, LGS: CONSEC. NUMBERS
10 51 01 6
10
ZB 6, LGS: 1-10
ZB 6, LGS: 11-20
etc. to
ZB 6, LGS: 991-1000
Zack strip, printed horizontally: 2)
9-section with the numbers
1-9
ZB 6, LGS: 1-9
10 51 12 6
10
Zack strip, printed horizontally: 2)
10-section with identical numbers
1/1/1
2/2/2
etc. to
100/100/100
ZB 6, LGS: IDENTICAL NOS.
10 51 03 2
10
ZB 6, LGS: 1
ZB 6, LGS: 2
etc. to
ZB 6, LGS: 100
Zack strip, printed horizontally: 2)
10-section
L1, L2, L3, N, PE, L1, L2, L3, N, PE
U, V, W, N,
6, U, V, W, N, 6
ZB 6, LGS: L1-N, PE
10 51 41 4
10
ZB 6, LGS: U-N
10 51 43 0
10
Zack strip, printed vertically: 2)
10-section with consecutive numbers
1-10
11-20
etc. to
991-1000
ZB 6, QR: CONSEC. NUMBERS
10 51 02 9
10
ZB 6, QR:
1-10
ZB 6, QR: 11-20
etc. to
ZB 6, QR: 991-1000
Zack strip, printed vertically: 2)
10-section with identical numbers
1/1/1
2/2/2
etc. to
100/100/100
ZB 6, QR: IDENTICAL NOS.
10 51 04 5
10
ZB 6, QR: 1
ZB 6, QR: 2
etc. to
ZB 6, QR: 100
Zack strip, printed vertically: 2)
10-section with PLC input numbers
e.g.: I 0.0 to I 0.7 (to max. E 127.7)
ZB 6, QR: PLC INPUT…1)
10 51 45 6
10
Zack strip, printed vertically: 2)
10-section with PLC output numbers
e.g.: O 0.0 to O 0.7 (to max. A 127.7)
ZB 6, QR: PLC OUTPUT…1)
10 51 44 3
10
Zack strip, special printing,
10-section, divisible, marked according to customer requirements
ZB 6: SO/CMS…3)
10 50 49 9
1
PLC Labelling ZB 6
Zack strip ZB 6
This marking system combines the advantage of
easy handling with the advantage of a reasonable price.
The zack strip consists of 10 individual labels which are
joined together and can be easily separated at any
point. For marking equipment, the labels can be clicked
into the marker groove of the engagement lever.
The system advantage: economical, quick, optimum
appearance.
In addition to the standard color white, the Zack strip
can also be supplied in other colors (see catalog part 3,
page 36). Marking is either done manually with the M-
PEN or elegantly with the computer marking system
CMS. Alternatively, the labels can be ordered pre-
printed with numbers, symbols or PLC input and output
numbers.
PHOENIX CONTACT page 14 of 14
1) Please specify the required marking with order.
2) 10 identically marked strips form a
packing unit (PU).
3) Please specify the required marking and color with order.
Marking direction: horizontal "LGS" or vertical "QR",
see catalog part 3/4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com